Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH1806 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AH1806
Description  HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH1806 Datasheet(HTML) 4 Page - Diodes Incorporated

  AH1806 Datasheet HTML 1Page - Diodes Incorporated AH1806 Datasheet HTML 2Page - Diodes Incorporated AH1806 Datasheet HTML 3Page - Diodes Incorporated AH1806 Datasheet HTML 4Page - Diodes Incorporated AH1806 Datasheet HTML 5Page - Diodes Incorporated AH1806 Datasheet HTML 6Page - Diodes Incorporated AH1806 Datasheet HTML 7Page - Diodes Incorporated AH1806 Datasheet HTML 8Page - Diodes Incorporated AH1806 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AH1806
Document number: DS36104 Rev. 8 - 2
4 of 12
www.diodes.com
February 2018
© Diodes Incorporated
AH1806
Magnetic Characteristics (Notes 9 & 10) (@TA = +25°C, VDD = 3V, unless otherwise specified.)
(1mT=10 Gauss)
Symbol
Characteristic
Conditions
Min
Typ
Max
Unit
Bops (south pole to part marking side)
Operation Point
—
15
30
45
Gauss
VDD = 2.5V to 5.5V
10
30
45
Bopn (north pole to part marking side)
Operation Point
—
-45
-30
-15
VDD = 2.5V to 5.5V
-45
-30
-10
Brps (south pole to part marking side)
Release Point
—
10
20
40
VDD = 2.5V to 5.5V
4
20
40
Brpn (north pole to part marking side)
Release Point
—
-40
-20
-10
VDD = 2.5V to 5.5V
-40
-20
-4
Bhy (|Bopx|-|Brpx|)
Hysteresis (Note 11)
—
5
10
—
Notes:
9. Typical data is at TA = +25°C, VDD = 3V, and for design information only.
10. The magnetic characteristics may vary with supply voltage, operating temperature and after soldering.
11. Maximum and minimum hysteresis is guaranteed by design and characterization.
Bhy
Brps Bops
0
Turn
off
(off-state)
(on-state)
( Magnetic Flux Density B )
OUTPUT
Bhy
VDD
(off-state)
Turn
on
Bopn Brpn
Turn
off
Turn
on
(on-state)
VOH
VOH
VOUT_ON=VOL
VOL = VSAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com