Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH1812 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AH1812
Description  HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH1812 Datasheet(HTML) 4 Page - Diodes Incorporated

  AH1812 Datasheet HTML 1Page - Diodes Incorporated AH1812 Datasheet HTML 2Page - Diodes Incorporated AH1812 Datasheet HTML 3Page - Diodes Incorporated AH1812 Datasheet HTML 4Page - Diodes Incorporated AH1812 Datasheet HTML 5Page - Diodes Incorporated AH1812 Datasheet HTML 6Page - Diodes Incorporated AH1812 Datasheet HTML 7Page - Diodes Incorporated AH1812 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AH1812
Document number: DS36171 Rev. 2 - 2
4 of 8
www.diodes.com
October 2015
© Diodes Incorporated
AH1812
Magnetic Characteristics (Note 9) (@TA = +25°C, VDD = 3V, unless otherwise specified.)
(1mT=10 Gauss)
Symbol
Characteristic
Min
Typ
Max
Unit
Bops (south pole to part marking side)
Operation Point
16
30
40
Gauss
Bopn (north pole to part marking side)
-40
-30
-16
Brps (south pole to part marking side)
Release Point
11
20
35
Brpn (north pole to part marking side)
-35
-20
-11
Bhy (|Bopx|-|Brpx|)
Hysteresis
-
10
-
Note:
9. The magnetic characteristics may vary with supply voltage, operating temperature and after soldering.
Bhy
Brps Bops
0
Turn
off
(off-state)
(on-state)
( Magnetic Flux Density B )
OUTPUT
Bhy
VDD
(off-state)
Turn
on
Bopn Brpn
Turn
off
Turn
on
(on-state)
VSAT
VSAT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com