Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH3372 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AH3372
Description  HIGH VOLTAGE HIGH SENSITIVITY HALL EFFECT UNIPOLAR SWITCH
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH3372 Datasheet(HTML) 4 Page - Diodes Incorporated

  AH3372 Datasheet HTML 1Page - Diodes Incorporated AH3372 Datasheet HTML 2Page - Diodes Incorporated AH3372 Datasheet HTML 3Page - Diodes Incorporated AH3372 Datasheet HTML 4Page - Diodes Incorporated AH3372 Datasheet HTML 5Page - Diodes Incorporated AH3372 Datasheet HTML 6Page - Diodes Incorporated AH3372 Datasheet HTML 7Page - Diodes Incorporated AH3372 Datasheet HTML 8Page - Diodes Incorporated AH3372 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
AH3372
Document number: DS38874 Rev. 2 - 2
4 of 15
www.diodes.com
May 2018
© Diodes Incorporated
AH3372
Magnetic Characteristics (Notes 11 &12) (TA = -40°C to +125°C, VDD = 3.0V to 28V, unless otherwise specified.)
(1mT=10 Gauss)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
BOPS (South pole to the part marking
side for SOT23 and SIP-3 (Ammo Pack),
SIP-3 (Bulk Pack) packages;
South pole to the non-part marking side
for SC59 package. See diagram below)
Operation Point
VDD = 12V, TA = +25°C
-
30
-
Gauss
TA = -40°C to +125°C
15
30
45
BRPS (South pole to the part marking
side for SOT23 and SIP-3 (Ammo Pack),
SIP-3 (Bulk Pack) packages;
South pole to the non-part marking side
for SC59 package. See diagram below)
Release Point
VDD = 12V, TA = +25°C
-
20
-
TA = -40°C to +125°C
5
20
35
BHY (|BOPX|-|BRPX|)
Hysteresis (Note 13)
VDD = 12V, TA = +25°C
-
10
-
TA = -40°C to +125°C
5
10
17
Notes:
11. When power is initially turned on, VDD must be within its correct operating range (3.0V to 28V) to guarantee the output sampling. The output state is valid
after the start-up time of 10us typical from the operating voltage reaching 3V.
12. Typical values are defined at TA = +25°C, VDD = 12V. Maximum and minimum values over the operating temperature range is not tested in production
but guaranteed by design, process control and characterization.
13. Maximum and minimum hysteresis is guaranteed by design, process control and characterization.
BHY
VDD
BRPS
BOPS
0
Turn off
Turn on
(Off-state)
(On-state)
VOUT_ON = VSAT
( Magnetic Flux Density B )
Output
Part mark
N
S
SOT23
Part mark
S
SIP-3(Ammo Pack)
N
Part mark
N
S
SC59
SIP-3(Bulk Pack)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com