Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2465 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2465
Description  150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD ROM, 512 Character RAM and 4 DACs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2465 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM2465 Datasheet HTML 9Page - National Semiconductor (TI) LM2465 Datasheet HTML 10Page - National Semiconductor (TI) LM2465 Datasheet HTML 11Page - National Semiconductor (TI) LM2465 Datasheet HTML 12Page - National Semiconductor (TI) LM2465 Datasheet HTML 13Page - National Semiconductor (TI) LM2465 Datasheet HTML 14Page - National Semiconductor (TI) LM2465 Datasheet HTML 15Page - National Semiconductor (TI) LM2465 Datasheet HTML 16Page - National Semiconductor (TI) LM2465 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
Pin Descriptions and Application Information (Continued)
Pin
No.
Pin Name
Schematic
Description
23
CLAMP
This pin accepts either TTL or CMOS logic
levels. The internal switching threshold is
approximately one-half of V
CC. An external
series resistor, R
31, of about 1K is recommended
to avoid overdriving the input devices. In any
event, R
EXT must be large enough to prevent the
voltage at pin 23 from going higher than V
CC or
below GND.
24
H Flyback
Proper operation requires current reversal. R
H
should be large enough to limit the peak current
at pin 24 to about +4 ma during blanking, and
−500 µA during scan. C
17 is usually needed for
logic level inputs and should be large enough to
make the time constant, R
HC17 significantly
larger than the horizontal period. R
34 and C8 are
typically 300
Ω and 330 pF when the flyback
waveform has ringing and needs filtering. C
18
may be needed to filter extraneous noise and
can be up to 100 pF.
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com