Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2469 Datasheet(PDF) 39 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2469
Description  150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD ROM, 512 Character RAM and 4 DACs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2469 Datasheet(HTML) 39 Page - National Semiconductor (TI)

Back Button LM2469 Datasheet HTML 35Page - National Semiconductor (TI) LM2469 Datasheet HTML 36Page - National Semiconductor (TI) LM2469 Datasheet HTML 37Page - National Semiconductor (TI) LM2469 Datasheet HTML 38Page - National Semiconductor (TI) LM2469 Datasheet HTML 39Page - National Semiconductor (TI) LM2469 Datasheet HTML 40Page - National Semiconductor (TI) LM2469 Datasheet HTML 41Page - National Semiconductor (TI) LM2469 Datasheet HTML 42Page - National Semiconductor (TI) LM2469 Datasheet HTML 43Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
Pre-Amplifier Interface Registers (Continued)
Software Reset and Test Control:
SRTSTCTRL (0x843F)
Res’d
Reserved
Reset
X
AID
XXXXX
SRST
Bit 0
When this bit is a 1, all registers except this one are loaded with their default values. All operations are aborted,
except data transfers in progress on the I
2C compatible bus. This bit clears itself when the reset is complete.
Bits 5–1
Reserved and should be set to zero.
Bit 6
This bit disables the register Auto-Increment feature of the I
2C compatible protocol. When set to a 1,
Auto-Increment is disabled and when a 0, AI is enabled.
Bit 7
Reserved and should be set to zero.
Attribute Table and Enhanced Features
Each display character and SL in the Display Page RAM will have a 4-bit Attribute Table entry associated with it. The user should
note that two-color display characters and four-color display characters use two different Attribute Tables, effectively providing 16
attributes for two-color display characters and 16 attributes for four-color display characters.
For two-color characters, the attribute contains the code for the 9-bit foreground color (Color 1), the code for the 9-bit background
color (Color 0), and the character’s enhanced features (Button Box, Blinking, Heavy Box, Shadowing, Bordering, etc.).
For four-color characters, the attribute contains the code for the 9-bit Color 0, the code for the 9-bit Color 1, the code for the 9-bit
Color 2, the code for the 9-bit Color 3, and the character’s enhanced features (Button Box, Blinking, Heavy Box, Shadowing,
Bordering, etc.).
TWO COLOR ATTRIBUTE FORMAT
The address range for an attribute number, 0
≤ n ≤ 15, is provided in Table 26.
ATT2C3n (0x8443+n*4)
ATT2C2n (0x8442+n*4)
Reserved
Enhanced Feature
Color 1 -
XXXXXX
XXXX
EFB[3:0]
C1B[2:1]
ATT2C1n (0x8441+n*4)
ATT2C0n (0x8440+n*4)
Blue
Color 1 - Green
Color 1 - Red
Color 0 - Blue
Color 0 - Green
Color0-Red
C2B0
C1G[2:0]
C1R[2:0]
C0B[2:0]
C0G[2:0]
C0R[2:0]
Bits 8–0
These nine bits determine the background color (color1), which is displayed when the corresponding OSD pixel is a
0.
Bits 17–9
These nine bits determine the foreground color (color2), which is displayed when the corresponding OSD pixel is a
1.
Bits 21–18
These are the enhanced feature (EF) bits, which determine which feature is applied to the displayed character. The
features and their corresponding codes are shown in Table 25.
Bits 31–22
Reserved and should be set to zero.
TABLE 25. Enhanced Feature Descriptions
Bits 21–18
Feature Description
0000b
Normal Display
0001b
Blinking
0010b
Shadowing
0011b
Bordering
0100b
RESERVED
0101b
RESERVED
0110b
RESERVED
0111b
RESERVED
1000b
Raised Box
1001b
Blinking and Raised Box
1010b
Depressed Box
1011b
Blinking and Depressed Box
www.national.com
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com