Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S24CS01A Datasheet(PDF) 13 Page - Seiko Instruments Inc

Part # S24CS01A
Description  S24CS01A
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S24CS01A Datasheet(HTML) 13 Page - Seiko Instruments Inc

Back Button S24CS01A Datasheet HTML 9Page - Seiko Instruments Inc S24CS01A Datasheet HTML 10Page - Seiko Instruments Inc S24CS01A Datasheet HTML 11Page - Seiko Instruments Inc S24CS01A Datasheet HTML 12Page - Seiko Instruments Inc S24CS01A Datasheet HTML 13Page - Seiko Instruments Inc S24CS01A Datasheet HTML 14Page - Seiko Instruments Inc S24CS01A Datasheet HTML 15Page - Seiko Instruments Inc S24CS01A Datasheet HTML 16Page - Seiko Instruments Inc S24CS01A Datasheet HTML 17Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
2ワイヤ CMOS シリアルE2PROM
Rev.4.0_00
S-24CS01A/02A/04A/08A
セイコーインスツル株式会社
13
6. 書き込み動作
6.1 バイトライト
E
2PROMがスタートコンディションに続き、7ビット長のデバイスアドレスと、リード/ライト命令コ
ードの“
0”を受け取ると、アクノリッジを発生します。
続けて、
8ビット長のワードアドレスを受け取り、アクノリッジを発生します。
さらに、
8ビットの書き込みデータを受け取りアクノリッジを発生した後、ストップコンディション
を受け取ることで、指定したメモリアドレスの
E
2PROMの書き換え動作が開始します。
E
2PROMの書き換え動作中は、全ての動作は禁止され、アクノリッジ信号は返しません。
A2 A1 A0
S
T
A
R
T
1
0
1
0
W
R
I
T
E
DEVICE
ADDRESS
R
/
W
M
S
B
SDA LINE
ADR INC
(ADDRESS INCREMENT)
A
C
K
L
S
B
WORD ADDRESS
A
C
K
0
S
T
O
P
DATA
W7 W6 W5 W4 W3 W2 W1 W0
D7 D6 D5 D4 D3 D2 D1 D0
A
C
K
A
C
K
備考
1. S-24CS08A では、A1 は P1 となります。
2. S-24CS04A/08A では、A0 は P0 となります。
3. S-24CS01Aでは、W7は任意です。
図
13 バイトライト



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com