Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2D150 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 2D150
Description  DIODE MODULE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

2D150 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  2D150 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2D150 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USR Semiconductor Co., Ltd
DIODE
MODULE
2D150
OUTLINE DRAWING & CIRCUIT DIAGRAM
VALUE
SYMBOL
CHARACTERISTIC
TEST CONDITIONS
Tj(
°C)
Min
Type
Max
UNIT
IO
DC output current
Single-phase full wave rectifying
circuit, TC=100°C
150
150
A
VRRM
Repetitive peak reverse voltage
VRRM tp=10ms
VRsM= VDRM&VRRM+200V
150
600
1800
V
IRRM
Repetitive peak current
at VRRM
150
10
mA
IFSM
Surge forward current
2.50
KA
I
2t
I
2T for fusing coordination
10ms half sine wave
VR=0.6VRRM
150
31.8
A
2s*103
VFO
Threshold voltage
0.80
V
rF
Forward slop resistance
150
3.8
m
Ω
VFM
Peak forward voltage
IFM=225A
25
1. 655
V
Rth(j-c)
Thermal resistance
Junction to heatsink
Single side cooled
0.150
°C /W
Viso
Isolation voltage
50Hz,R.M.S,t=1min,Iiso:1mA(max)
2500
V
Terminal connection torque(M4)
1.5
N·m
Fm
Mounting torque(M6)
3.0
N·m
Tstg
Stored temperature
-40
125
°C
Wt
Weight
430
g
Outline
410F4


Similar Part No. - 2D150

ManufacturerPart #DatasheetDescription
logo
Altech corporation
2D15UL ALTECH-2D15UL Datasheet
1Mb / 1P
UL-Series - UL489 Miniature Molded Case Circuit Breaker
More results

Similar Description - 2D150

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMDD-70 SEMPO-SMDD-70 Datasheet
49Kb / 1P
DIODE-DIODE MODULE
SMDD-50 SEMPO-SMDD-50 Datasheet
77Kb / 1P
DIODE-DIODE MODULE
SMDD-90H SEMPO-SMDD-90H Datasheet
42Kb / 1P
DIODE-DIODE MODULE
SMDD-160 SEMPO-SMDD-160 Datasheet
45Kb / 1P
Diode-Diode Module
SMDD-320I SEMPO-SMDD-320I Datasheet
44Kb / 1P
Diode-Diode Module
MAA-100 SEMPO-MAA-100 Datasheet
72Kb / 2P
Diode-Diode Module
logo
Naina Semiconductor ltd...
25NDD NAINA-25NDD Datasheet
121Kb / 2P
Diode - Diode Module
56NDD NAINA-56NDD Datasheet
121Kb / 2P
Diode - Diode Module
100NDD NAINA-100NDD Datasheet
137Kb / 2P
Diode ??Diode Module
160NDD NAINA-160NDD Datasheet
130Kb / 2P
Diode - Diode Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com