Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTH2N170D2 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXTH2N170D2
Description  Depletion Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH2N170D2 Datasheet(HTML) 3 Page - IXYS Corporation

  IXTH2N170D2 Datasheet HTML 1Page - IXYS Corporation IXTH2N170D2 Datasheet HTML 2Page - IXYS Corporation IXTH2N170D2 Datasheet HTML 3Page - IXYS Corporation IXTH2N170D2 Datasheet HTML 4Page - IXYS Corporation IXTH2N170D2 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© 2017 IXYS CORPORATION, All Rights Reserved
IXTT2N170D2
IXTH2N170D2
Fig. 1. Output Characteristics @ TJ = 25
oC
0.0
0.5
1.0
1.5
2.0
01
2
3
4
5
678
9
10
11
VDS - Volts
VGS = 5V
1V
- 2V
-1.5V
- 0.5V
-1V
0V
Fig. 2. Extended Output Characteristics @ TJ = 25
oC
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
5
10
15
20
25
30
VDS - Volts
- 0.5V
-1V
VGS = 5V
1V
0V
-1.5V
0.5V
Fig. 3. Output Characteristics @ TJ = 125
oC
0.0
0.5
1.0
1.5
2.0
0
4
8
121620
2428
VDS - Volts
-1V
-1.5V
- 2V
VGS = 5V
0V
- 0.5V
Fig. 4. Drain Current @ TJ = 25
oC
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
0
1020
3040
50
6070
8090
VDS - Volts
VGS = - 0.6V
- 1.2V
- 0.8V
- 1.0V
- 1.4V
- 1.6V
- 1.8V
- 2.0V
Fig. 5. Drain Current @ TJ = 100
oC
1.E-02
1.E-01
1.E+00
1.E+01
0
10
20
3040
5060
7080
90
VDS - Volts
VGS = - 0.8V
- 1.2V
- 1.4V
- 1.6V
- 1.8V
- 2.0V
- 1.0V
Fig. 6. Dynamic Resistance vs. Gate Voltage
100
1,000
10,000
100,000
-2.0
-1.8
-1.6
-1.4
-1.2
-1.0
-0.8
-0.6
VGS - Volts
∆
VDS = 70V - 30V
TJ = 100
oC
TJ = 25
oC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com