Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9953 Datasheet(PDF) 15 Page - Analog Devices

Part # AD9953
Description  400MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9953 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9953_17 Datasheet HTML 11Page - Analog Devices AD9953_17 Datasheet HTML 12Page - Analog Devices AD9953_17 Datasheet HTML 13Page - Analog Devices AD9953_17 Datasheet HTML 14Page - Analog Devices AD9953_17 Datasheet HTML 15Page - Analog Devices AD9953_17 Datasheet HTML 16Page - Analog Devices AD9953_17 Datasheet HTML 17Page - Analog Devices AD9953_17 Datasheet HTML 18Page - Analog Devices AD9953_17 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
Data Sheet
AD9953
Rev. B | Page 15 of 32
Register
Name
(Serial
Address)
Bit
Range
(MSB)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
(LSB)
Bit 0
Default
Value
OR
Profile
RAM
Segment
Control
Word No. 0
(RSCW0)
(0x07)
<7:0>
RAM Segment 0 Mode Control <2:0>
No Dwell
Active
RAM Segment 0 Beginning Address <9:6>
PS0 = 0
PS1 = 0
<15:8>
RAM Segment 0 Beginning Address <5:0>
RAM Segment 0 Final Address <9:8>
PS0 = 0
PS1 = 0
<23:16>
RAM Segment 0 Final Address <7:0>
PS0 = 0
PS1 = 0
<31:24>
RAM Segment 0 Address Ramp Rate <15:8>
PS0 = 0
PS1 = 0
<39:32>
RAM Segment 0 Address Ramp Rate <7:0>
PS0 = 0
PS1 = 0
RAM
Segment
Control
Word No. 1
(RSCW1)
(0x08)
<7:0>
RAM Segment 1 Mode Control
<2:0>
No Dwell
Active
RAM Segment 1 Beginning Address <9:6>
PS0 = 1
PS1 = 0
<15:8>
RAM Segment 1 Beginning Address <5:0>
RAM Segment 1 Final Address <9:8>
PS0 = 1
PS1 = 0
<23:16>
RAM Segment 1 Final Address <7:0>
PS0 = 1
PS1 = 0
<31:24>
RAM Segment 1 Address Ramp Rate <15:8>
PS0 = 1
PS1 = 0
<39:32>
RAM Segment 1 Address Ramp Rate <7:0>
PS0 = 1
PS1 = 0
RAM
Segment
Control
Word No. 2
(RSCW2)
(0x09)
<7:0>
RAM Segment 2 Mode Control
<2:0>
No Dwell Active
RAM Segment 2 Beginning
Address <9:6>
PS0 = 0
PS1 = 1
<15:8>
RAM Segment 2 Beginning Address <5:0>
RAM Segment 2 Final Address <9:8>
PS0 = 0
PS1 = 1
<23:16>
RAM Segment 2 Final Address <7:0>
PS0 = 0
PS1 = 1
<31:24>
RAM Segment 2 Address Ramp Rate <15:8>
PS0 = 0
PS1 = 1
<39:32>
RAM Segment 2 Address Ramp Rate <7:0>
PS0 = 0
PS1 = 1
RAM
Segment
Control
Word No. 3
(RSCW3)
(0x0A)
<7:0>
RAM Segment 3 Mode Control
<2:0>
No Dwell Active
RAM Segment 3 Beginning
Address <9:6>
PS0 = 1
PS1 = 1
<15:8>
RAM Segment 3 Beginning Address <5:0>
RAM Segment 3 Final Address <9:8>
PS0 = 1
PS1 = 1
<23:16>
RAM Segment 3 Final Address <7:0>
PS0 = 1
PS1 = 1
<31:24>
RAM Segment 3 Address Ramp Rate <15:8>
PS0 = 1
PS1 = 1
<39:32>
RAM Segment 3 Address Ramp Rate <7:0>
PS0 = 1
PS1 = 1
RAM (0x0B)
RAM [1023:0] <31:0> (Read Instructions: Write Out RAM Register Data)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com