Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC778LP6CE Datasheet(PDF) 7 Page - Analog Devices

Part # HMC778LP6CE
Description  FRACTIONAL-N PLL WITH INTEGRATED VCO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC778LP6CE Datasheet(HTML) 7 Page - Analog Devices

  HMC778LP6CE Datasheet HTML 1Page - Analog Devices HMC778LP6CE Datasheet HTML 2Page - Analog Devices HMC778LP6CE Datasheet HTML 3Page - Analog Devices HMC778LP6CE Datasheet HTML 4Page - Analog Devices HMC778LP6CE Datasheet HTML 5Page - Analog Devices HMC778LP6CE Datasheet HTML 6Page - Analog Devices HMC778LP6CE Datasheet HTML 7Page - Analog Devices HMC778LP6CE Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
HMC778LP6CE
v01.0112
FRACTIONAL-N PLL WITH
INTEGRATED VCO, 9.6 - 10.8 GHz
Pin Descriptions
Pin number
Function
description
1, 9 - 14, 22, 23, 26, 35
n/C
no connection. these pins may be connected to rF/dC ground.
Performance will not be affected.
2 - 5, 37, 39
gnd [1]
Pins must be connected to rF/dC ground
7
gnd
this pin and package bottom must be connected to rF/dC ground
6
VtUne
Control voltage input. Modulation port bandwidth
dependent on drive source impedance.
8
VCCVCO2
+ 5V power supply for VCO.
15
VCChF
analog power supply for rF buffer. nominal + 3.3V, 6 ma max.
16
VddLs
Power supply for PFd to CP level shifters.
nominal + 5V, 5 ma max., Fpd dependent.
17
VPPCPa
Power supply for the charge pump. nominal + 5V, 10 ma Max.
18
CP
Charge pump output
19
aVdd
Power supply for analog bias generation. nominal + 3.3V, 2 ma Max.
20
Bias [2]
external bypass decoupling for precision bias circuits,
1.920V ±2 mV is generated internally
21
rVdd
Power supply for reference Path.
nominal + 3.3V, 15 ma Max., reference dependent
24
XreFP
reference input. dC bias is generated internally.
normally aC coupled externally.
25
VddPd
Power supply for phase detector. nominal + 3.3V.
decoupling for this supply is critical. 5 ma max., Fpd dependent.
27
Cen
CMOs input, hardware chip enable.
28
sen
CMOs input, serial port latch enable.
29
sCK
CMOs input, serial port clock.
30
sdi
CMOs input, serial port data.
31
dVdd
Power supply for digital. nominal + 3.3V, 25 ma max., Fpd dependent.
32
VddiO
Power supply for digital i/O.
nominal + 3.3V, 8 ma max. (only when driving Ld_sdO)
33
Ld_sdO
CMOs output. general purpose output;
lock detect, serial data out, others, selectable
34
VCCPs
Power supply for rF divider. nominal + 3.3V, 35 ma max.
36
trig
CMOs input. external trigger.
38
rFOUt
rF output (aC coupled).
40
VCCVCO1
Power supply for VCO. nomimal +5V, high Current, VCO dependent
[1] Pins are not connected internally, however, pins must be connected to gnd to maintain product family pin for pin compatibility.
[2] Bias ref voltage (pin 20) cannot drive an external load, and must be measured with a 10 gOhm meter such as agilent 34410a; a typical
10 Mohm dVM will read erroneously.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com