Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC783LP6CE Datasheet(PDF) 12 Page - Analog Devices

Part # HMC783LP6CE
Description  FRACTIONAL-N PLL WITH INTEGRATED VCO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC783LP6CE Datasheet(HTML) 12 Page - Analog Devices

Back Button HMC783LP6CE Datasheet HTML 6Page - Analog Devices HMC783LP6CE Datasheet HTML 7Page - Analog Devices HMC783LP6CE Datasheet HTML 8Page - Analog Devices HMC783LP6CE Datasheet HTML 9Page - Analog Devices HMC783LP6CE Datasheet HTML 10Page - Analog Devices HMC783LP6CE Datasheet HTML 11Page - Analog Devices HMC783LP6CE Datasheet HTML 12Page - Analog Devices HMC783LP6CE Datasheet HTML 13Page - Analog Devices HMC783LP6CE Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 12
Outline Drawing
Part number
Package Body Material
Lead Finish
MSL rating
Package Marking [1]
HMC783LP6Ce
roHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL3
H783
XXXX
[1] 4-digit lot number XXXX
Package Information
nOteS:
1. LeadFraMe MaterIaL: COPPer aLLOY
2. dIMenSIOnS are In InCHeS [MILLIMeterS].
3. Lead SPaCIng tOLeranCe IS nOn-CUMULatIVe
4. Pad BUrr LengtH SHaLL Be 0.15 mm MaXIMUM.
Pad BUrr HeIgHt SHaLL Be 0.05mm MaXIMUM.
5. PaCKage WarP SHaLL nOt eXCeed 0.05mm.
6. aLL grOUnd LeadS and grOUnd PaddLe MUSt
Be SOLdered tO PCB rF grOUnd.
7. reFer tO HIttIte aPPLICatIOn nOte FOr
SUggeSted PCB Land Pattern.
Absolute Maximum Ratings
nominal 3.3V Supplies to gnd
-0.3V to +3.6V
nominal digital Supply relative to
3.3V analog Supply
-0.3V to +0.3V
nominal 5V Supply to gnd
-0.3 to +5.5V
Vtune
0 to +15V
Storage temperature
-65 to +150°C
Max Peak reflow temperature
260 °C
eSd Sensitivity (HBM)
Class 1a
Reliability Information
Junction temperature to Maintain
1 Million Hour MttF
135 °C
nominal Junction temperature (t=85 °C)
120 °C
thermal resistance
(Junction to gnd Paddle, 5V Supply)
48.3 °C/W
Operating temperature
-40 to +85°C
HMC783LP6CE
v03.0411
FRACTIONAL-N PLL WITH
INTEGRATED VCO, 11.5 - 12.5 GHz
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com