Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC807LP6CE Datasheet(PDF) 2 Page - Analog Devices

Part # HMC807LP6CE
Description  FRACTIONAL-N PLL WITH INTEGRATED VCO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC807LP6CE Datasheet(HTML) 2 Page - Analog Devices

  HMC807LP6CE Datasheet HTML 1Page - Analog Devices HMC807LP6CE Datasheet HTML 2Page - Analog Devices HMC807LP6CE Datasheet HTML 3Page - Analog Devices HMC807LP6CE Datasheet HTML 4Page - Analog Devices HMC807LP6CE Datasheet HTML 5Page - Analog Devices HMC807LP6CE Datasheet HTML 6Page - Analog Devices HMC807LP6CE Datasheet HTML 7Page - Analog Devices HMC807LP6CE Datasheet HTML 8Page - Analog Devices HMC807LP6CE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 2
General Description
the HMC807LP6Ce is a fully functioned Fractional-n Phase-Locked-Loop (PLL) with an Integrated Voltage
Controlled Oscillator (VCO). the input reference frequency range is 100 kHz to 220 MHz while the advanced delta-
sigma modulator design in the fractional PLL allows both ultra-fine step sizes and very low spurious products. the
highly integrated structure provides excellent phase noise performance over temperature, shock and process. the
HMC807LP6Ce is packaged in a leadless QFn 6 x 6 mm surface mount package. the output power is 8 dBm typical,
making the HMC807LP6Ce ideal for driving the LO port of many of Hittite’s Hi Linearity and I/Q mixer products.
For theory of operation and register map refer to the “PLLs w/ Integrated VCO - Microwave VCOs” Operating Guide.
To view the Operating Guide, please visit www.hittite.com and choose HMC807LP6CE from the “Search by Part
Number” pull down menu.
HMC807LP6CE
v03.0411
FRACTIONAL-N PLL WITH
INTEGRATED VCO, 12.4 - 13.4 GHz
Parameter
Condition
Min.
typ.
Max.
Units
RF Output Characteristics
VCO Output Frequency range
12.4
12.9
13.4
gHz
VCO Output Power
4
8
10
dBm
VCO tuning Voltage
2
13
V
VCO tuning Sensitivity
V
tUne = +5V
190
MHz/V
Frequency Pulling (into a 2:1 VSWr)
5
MHz pp
Frequency Pushing
V
tUne = +5V
6
MHz/V
Frequency drift rate
1.2
MHz/
°C
Sub Harmonic (1/2)
25
dBc
Harmonic (2nd)
18
dBc
Harmonic (3rd)
35
dBc
VCO SSB Phase noise @ 100 kHz Offset (Open Loop)
V
tUne = +5V
Fvco = 12.9 gHz
-110
dBc/Hz
Synthesizer In-Band
SSB Phase noise @ 10 kHz Offset (Frac/Int)
Fref = 50 MHz Fvco = 12.9 gHz
Loop BW = 100 kHz
-95 / -98
dBc/Hz
Synthesizer normalized In-Band
SSB Phase noise Floor (Frac/Int)
-221 / -226
dBc/Hz
Synthesizer Fractional Spurs [1]
-65
dBc
Synthesizer Frequency Settling time (100 MHz Step)
From 13 gHz to 12.9 gHz
Loop BW = 100 kHz
104
μs
16-Bit divider range (Int)
n divider ratio 216+31
32
65567
16-Bit divider range (Frac)
n divider ratio 216-1
36
65535
REF Input Characteristics
Max ref Input Frequency (3.3V)
200
225
MHz
Min ref Input Frequency
100
200
kHz
ref Input Sensitivity
aC Coupled
500
700
mV
pp
Max ref Input
dC Coupled
0
VddIO
V
ref Input Capacitance
5
pF
14-Bit ref divider range
16383
1
Electrical Specifications, T
A = +25° C; VCCVCO, VDDCP, VCCCP = +5V; AVCC, VCCPS
VDDPFD, AVDD, RVDD, DVDD, DVDDM, DVDDQ, VDDIO = +3.3V; AGND = DGND = 0V
[1] actual spur level is dependent on loop parameters and will increase at division ratios closest to integer boundaries. number listed is average
value.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com