Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC820LP6CE Datasheet(PDF) 4 Page - Analog Devices

Part # HMC820LP6CE
Description  FRACTIONAL-N PLLs w/ INTEGRATED VCO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC820LP6CE Datasheet(HTML) 4 Page - Analog Devices

  HMC820LP6CE Datasheet HTML 1Page - Analog Devices HMC820LP6CE Datasheet HTML 2Page - Analog Devices HMC820LP6CE Datasheet HTML 3Page - Analog Devices HMC820LP6CE Datasheet HTML 4Page - Analog Devices HMC820LP6CE Datasheet HTML 5Page - Analog Devices HMC820LP6CE Datasheet HTML 6Page - Analog Devices HMC820LP6CE Datasheet HTML 7Page - Analog Devices HMC820LP6CE Datasheet HTML 8Page - Analog Devices HMC820LP6CE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 4
Electrical Specifications (Continued)
HMC820LP6CE
v06.1211
FRACTIONAL-N PLLs w/ INTEGRATED VCO
1095 - 1275, 2190 - 2550, 4380 - 5100 MHz
Parameter
Condition
Min.
Typ.
Max.
Units
VCO Open Loop Phase Noise at fo/2
10 kHz Offset
-93
-87
dBc/Hz
100 kHz Offset
-122
-119
dBc/Hz
1 MHz Offset
-147
-144
dBc/Hz
10 MHz Offset
-162
dBc/Hz
100 MHz Offset
-163
dBc/Hz
VCO Open Loop Phase Noise at fo
10 kHz Offset
-87
-81
dBc/Hz
100 kHz Offset
-116
-116
dBc/Hz
1 MHz Offset
-141
-138
dBc/Hz
10 MHz Offset
-161
dBc/Hz
100 MHz Offset
-166
dBc/Hz
VCO Open Loop Phase Noise at 2fo
10 kHz Offset
-81
-75
dBc/Hz
100 kHz Offset
-110
-110
dBc/Hz
1 MHz Offset
-135
-132
dBc/Hz
10 MHz Offset
-155
dBc/Hz
100 MHz Offset
-155
dBc/Hz
Closed Loop Phase Noise PLL + VCO at fvco/2
Integer, 25 MHz PD
1 kHz Offset
-113
dBc/Hz
Integer, 25 MHz PD
10 kHz Offset
-118
dBc/Hz
Integer, 25 MHz PD
100 kHz Offset
-118
dBc/Hz
Fractional, 25 MHz PD
1 kHz Offset
-108
dBc/Hz
Fractional, 25 MHz PD
10 kHz Offset
-113
dBc/Hz
Fractional, 25 MHz PD
100 kHz Offset
-114
dBc/Hz
Closed Loop Phase Noise PLL + VCO at fvco
Integer, 25 MHz PD
1 kHz Offset
-107
dBc/Hz
Integer, 25 MHz PD
10 kHz Offset
-112
dBc/Hz
Integer, 25 MHz PD
100 kHz Offset
-112
dBc/Hz
Fractional, 25 MHz PD
1 kHz Offset
-102
dBc/Hz
Fractional, 25 MHz PD
10 kHz Offset
-107
dBc/Hz
Fractional, 25 MHz PD
100 kHz Offset
-108
dBc/Hz
Closed Loop Phase Noise PLL + VCO at 2fo
Integer, 25 MHz PD
1 kHz Offset
-101
dBc/Hz
Integer, 25 MHz PD
10 kHz Offset
-106
dBc/Hz
Integer, 25 MHz PD
100 kHz Offset
-106
dBc/Hz
Fractional, 25 MHz PD
1 kHz Offset
-96
dBc/Hz
Fractional, 25 MHz PD
10 kHz Offset
-101
dBc/Hz
Fractional, 25 MHz PD
100 kHz Offset
-102
dBc/Hz
Figure of Merit
Normalized 1 Hz
Integer Mode
Measured w/ 50 MHz PD
at 30 kHz Offset
-229
dBc/Hz
Fractional Mode
Measured w/ 50 MHz PD
at 30 kHz Offset
-227
dBc/Hz
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com