Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC822LP6CE Datasheet(PDF) 2 Page - Analog Devices

Part # HMC822LP6CE
Description  FRACTIONAL-N PLL w/ INTEGRATED VCO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC822LP6CE Datasheet(HTML) 2 Page - Analog Devices

  HMC822LP6CE Datasheet HTML 1Page - Analog Devices HMC822LP6CE Datasheet HTML 2Page - Analog Devices HMC822LP6CE Datasheet HTML 3Page - Analog Devices HMC822LP6CE Datasheet HTML 4Page - Analog Devices HMC822LP6CE Datasheet HTML 5Page - Analog Devices HMC822LP6CE Datasheet HTML 6Page - Analog Devices HMC822LP6CE Datasheet HTML 7Page - Analog Devices HMC822LP6CE Datasheet HTML 8Page - Analog Devices HMC822LP6CE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
2
v06.1212
General Description
The HMC822LP6CE is a fully functioned Fractional-N Phase-Locked-Loop (PLL) with an Integrated
Voltage Controlled Oscillator (VCO). The PLL consists of an integrated low noise VCO with a
tri-band output, an autocalibration subsystem for low voltage VCO tuning, a very low noise digital Phase Detector
(PD), a precision controlled charge pump, a low noise reference path divider and a fractional divider.
The fractional PLL features an advanced delta-sigma modulator design that allows both ultra-fine step sizes and
low spurious products. The phase detector (PD) features cycle slip prevention (CSP) technology to allow fas-
ter frequency hopping times. Ultra low in-close phase noise and low spurious also allows wider loop bandwidths for
faster frequency hopping and low micro-phonics.
For theory of operation and register map refer to the “PLLs with Integrated VCOs - RF VCOs Operating Guide”. To
view the Operating Guide, please visit www.hittite.com and choose HMC822LP6CE from the “Search by Part
Number” pull down menu.
HMC822LP6CE
FRACTIONAL-N PLL w/ INTEGRATED VCO
665 - 825, 1330 - 1650, 2660 - 3300 MHz
Parameter
Condition
Min.
Typ.
Max.
Units
RF Output Characteristics
VCO Frequency at PLL Input
1330
1650
MHz
RF Output Frequency at fVCO/2
665
825
MHz
RF Output Frequency at fVCO
1330
1650
MHz
RF Output Frequency at 2fVCO
2660
3300
MHz
RF Output Power at fVCO/2
9
11
13
dBm
RF Output Power at fVCO
2.5
6.5
10.5
dBm
RF Output Power at 2fVCO
-9
-4
1
dBm
VCO Tuning Sensitivity
Measured at fo, 2V
15
MHz/V
VCO Supply Pushing
Measured at fo, 2V
-2
1.5
MHz/V
RF Output fo/2 Harmonic
Doubler Mode
-22
-18
dBc
RF Output 3fo/2 Harmonic
Doubler Mode
-50
-41
dBc
RF Output 2nd Harmonic
fo/2/fo/2fo
-26 / -30 / -42 -22 / -19 / -36
dBc
RF Output 5fo/2 Harmonic
Doubler Mode
-60
-56
dBc
RF Output 3rd Harmonic
fo/2/fo/2fo
-27 / -40 / -60 -23 / -32 / -51
dBc
RF Output 7fo/2 Harmonic
Doubler Mode
-65
-61
dBc
RF Divider Characteristics
19-Bit N-Divider Range (Integer)
Max = 219 - 1
524,287
19-Bit N-Divider Range (Fractional)
Fractional nominal divide ratio
varies (-3 / +4) dynamically max
524,283
REF Input Characteristics
Max Ref Input Frequency
Synthesizer phase noise can
degrade by about 5 dB when
operating with a reference
frequency near the low end of
this range.
10
50
200
MHz
Ref Input Range
AC Coupled
1
2
3.3
Vpp
Ref Input Capacitance
5
pF
14-Bit R-Divider Range
1
16,383
Electrical Specifications, T
A = +25° C
VPPCP, VDDCP, VCC1, VCC2 = 5V ±4%; RVDD, AVDD, DVDD3V, VCCPD, VCCHF, VCCPS =
3.3V ±6% GNDCP = GNDLS = Ground Paddle = 0V
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com