Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC831LP6CE Datasheet(PDF) 5 Page - Analog Devices

Part # HMC831LP6CE
Description  FRACTIONAL-N PLL WITH INTEGRATED VCO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC831LP6CE Datasheet(HTML) 5 Page - Analog Devices

  HMC831LP6CE Datasheet HTML 1Page - Analog Devices HMC831LP6CE Datasheet HTML 2Page - Analog Devices HMC831LP6CE Datasheet HTML 3Page - Analog Devices HMC831LP6CE Datasheet HTML 4Page - Analog Devices HMC831LP6CE Datasheet HTML 5Page - Analog Devices HMC831LP6CE Datasheet HTML 6Page - Analog Devices HMC831LP6CE Datasheet HTML 7Page - Analog Devices HMC831LP6CE Datasheet HTML 8Page - Analog Devices HMC831LP6CE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 5
HMC831LP6CE
v05.1211
FRACTIONAL-N PLL WITH
INTEGRATED VCO, 1815 - 2010 MHz
Figure of Merit
Typical VCO Sensitivity vs. Cap @
Fo Voltage
Typical Output Power - Narrow Band
Match
[1] Fractional Mode, 50 MHz Crystal, R=1, ~80 kHz Loop BW, (Loop filter values: Contact factory for component values) 2mA Charge Pump, -385µA
Offset.
0
10
20
30
40
50
60
012
3
4
5
TUNING CAP 31
TUNING CAP 15
TUNING CAP 0
TUNING VOLTAGE (V)
Typical Operating Range
0
2
4
6
8
10
1700
1750
1800
1850
1900
1950
2000
2050
2100
OUTPUT FREQUENCY (MHz)
-240
-230
-220
-210
-200
100
1000
10
4
10
5
10
6
FREQUENCY OFFSET (Hz)
FOM Floor
FOM 1/f Noise
Typ FOM vs Offset
Free Running VCO Phase Noise
(V
TUNE Set by AutoCal)
Typical VCO Tuning Voltage After
Calibration
-170
-160
-150
-140
-130
-120
-110
-100
1700
1750
1800
1850
1900
1950
2000
2050
2100
-40C
+27C
+85C
FREQUENCY (MHz)
1MHz Offset
100kHz Offset
10MHz Offset
0
1
2
3
4
5
VCO FREQUENCY
0
15
31
Fmin
Fmax
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com