Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC838LP6CE Datasheet(PDF) 13 Page - Analog Devices

Part # HMC838LP6CE
Description  FRACTIONAL-N PLL WITH INTEGRATED VCO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC838LP6CE Datasheet(HTML) 13 Page - Analog Devices

Back Button HMC838LP6CE Datasheet HTML 6Page - Analog Devices HMC838LP6CE Datasheet HTML 7Page - Analog Devices HMC838LP6CE Datasheet HTML 8Page - Analog Devices HMC838LP6CE Datasheet HTML 9Page - Analog Devices HMC838LP6CE Datasheet HTML 10Page - Analog Devices HMC838LP6CE Datasheet HTML 11Page - Analog Devices HMC838LP6CE Datasheet HTML 12Page - Analog Devices HMC838LP6CE Datasheet HTML 13Page - Analog Devices HMC838LP6CE Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
13
HMC838LP6CE
v05.0612
FRACTIONAL-N PLL WITH INTEGRATED VCO
795 - 945, 1590 - 1890, 3180 - 3780 MHz
List of Materials for
Evaluation PCB 129512, 2xfo Mode [1]
item
description
J1, J2
PcB Mount sMa rF connector
J3
dual row terminal strip
J4 - J6
connector Header
c1, c15 - c17, c25
10 µF capacitor, 0805 Pkg.
c2, c3, c6, c7, c11, c12,
c14, c18, c27, c43, c45
0.47 µF capacitor, 0402 Pkg.
c4, c13
22 pF capacitor, 0402 Pkg.
c5, c33
1000 pF capacitor, 0402 Pkg.
c8
8.2 pF capacitor, 0402 Pkg.
c19 - c24, c28, c30, c32, c34
0.1 µF capacitor, 0402 Pkg.
c26
1 µF capacitor, 0603 Pkg.
c29
1 pF capacitor, 0402 Pkg.
c35
3300 pF capacitor, 0402 Pkg.
c36
270 pF capacitor, 0402 Pkg.
c37, c38
68 pF capacitor, 0402 Pkg.
c39 - c42, c44
4.7 µF tantalum capacitor, 0805 Pkg
c46
27 pF capacitor, 0402 Pkg.
c47
47 pF capacitor, 0402 Pkg.
r1, r2, r8, r11, r15, r18, r19, r21, r24
0 ohm resistor, 0402 Pkg.
r3, r4
1 ohm resistor, 0402 Pkg.
r12, r20, r29
51 ohm resistor, 0402 Pkg.
r13, r14, r30
220 kohm resistor, 0402 Pkg.
r22, r25
20 kohm resistor, 0402 Pkg.
r26 - r28
1 kohm resistor, 0402 Pkg.
r31
0 ohm resistor, 0201 Pkg.
r32, r33
0 ohm resistor, 0805 Pkg.
l1
10 nH inductor, 0402 Pkg.
l2, l3
47 nH inductor, 0402 Pkg.
l4
1 nH inductor, 0402 Pkg.
tP3, tP4
test Point Pc compact sMt
U1
HMc838lP6ce Pll with integrated vco
U2
HMc860lP3e
low noise Quad linear regulator
Y1
3.3v, 50 MHz vcXo crystal oscillator
PcB [2]
127729 evaluation Board
[1] reference this number when ordering complete evaluation PcB
[2] circuit Board Material: rogers 4350 or arlon 25Fr and Fr4
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com