Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC840LP6CE Datasheet(PDF) 2 Page - Analog Devices

Part # HMC840LP6CE
Description  FRACTIONAL-N PLL WITH INTEGRATED VCO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC840LP6CE Datasheet(HTML) 2 Page - Analog Devices

  HMC840LP6CE Datasheet HTML 1Page - Analog Devices HMC840LP6CE Datasheet HTML 2Page - Analog Devices HMC840LP6CE Datasheet HTML 3Page - Analog Devices HMC840LP6CE Datasheet HTML 4Page - Analog Devices HMC840LP6CE Datasheet HTML 5Page - Analog Devices HMC840LP6CE Datasheet HTML 6Page - Analog Devices HMC840LP6CE Datasheet HTML 7Page - Analog Devices HMC840LP6CE Datasheet HTML 8Page - Analog Devices HMC840LP6CE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
7 - 2
7
HMC840LP6CE
v00.1210
FRACTIONAL-N PLL WITH INTEGRATED VCO
1310 - 1415, 2620 - 2830, 5240 - 5660 MHz
For price, delivery, and to place orders: Hittite Microwave Corporation,20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
General Description
The HMC840LP6CE is a fully functioned Fractional-N Phase-Locked-Loop (PLL) Frequency Synthesizer with an
Integrated Voltage Controlled Oscillator (VCO). The synthesizer consists of an integrated low noise VCO with a tri-
band output, an autocalibration subsystem for low voltage VCO tuning, a very low noise digital Phase Detector (PD),
a precision controlled charge pump, a low noise reference path divider and a fractional divider.
The fractional synthesizer features an advanced delta-sigma modulator design that allows both ultra-fine step sizes
and low spurious products. The phase detector (PD) features cycle slip prevention (CSP) technology to allow faster
frequency hopping times. Ultra low in-close phase noise and low spurious also allows wider loop bandwidths for faster
frequency hopping and low micro-phonics.
For theory of operation and register map refer to the “PLLs with Integrated VCOs - RF VCOs Operating Guide”. To
view the Operating Guide, please visit www.hittite.com and choose HMC840LP6CE from the “Search by Part
Number” pull down menu.
Parameter
Condition
Min.
Typ.
Max.
Units
RF Output Characteristics
VCO Frequency at PLL Input
2620
2830
MHz
RF Output Frequency at fVCO/2
1310
1415
MHz
RF Output Frequency at fVCO
2620
2830
MHz
RF Output Frequency at 2fVCO
5240
5660
MHz
Output Power
RF Output Power at fVCO/2
matched at the frequency of
interest, vs temperature
8.5
10
11.5
dBm
RF Output Power at fVCO
7
9
11
dBm
RF Output Power at 2fVCO
-5.5
-3
0.5
dBm
VCO Tuning Sensitivity
Measured at fo, 2V
10.5
12.6
15.6
MHz/V
VCO Supply Pushing
Measured at fo, 2V
1.5
MHz/V
Harmonics
RF Output Fout/2 Harmonic
Doubler Mode
-26
dBc
RF Output 3Fout/2 Harmonic
Doubler Mode
-27
dBc
RF Output 2nd Harmonic
fo/2/fo/2fo
-19 / -20 / -25
dBc
RF Output 5 Fout/2 Harmonic
Doubler Mode
-41
dBc
RF Output 3rd Harmonic
fo/2/fo/2fo
-26 / -34 / -42
dBc
RF Output 7 Fout/2 Harmonic
Doubler Mode
-66
dBc
RF Output 4th Harmonic
fo/2/fo/2fo
-28 / -48 / -61
dBc
RF Divider Characteristics
19-Bit N-Divider Range (Integer)
Max = 219 - 1
524,287
19-Bit N-Divider Range (Fractional)
Fractional nominal divide ratio
varies (-3 / +4) dynamically max
524,283
REF Input Characteristics
Max Ref Input Frequency
50
200
MHz
Ref Input Range
AC Coupled
1
2
3.3
Vp-p
Ref Input Capacitance
5
pF
14-Bit R-Divider Range
1
16,383
Electrical Specifications
VPPCP, VDDCP, VCC1, VCC2 = 5V; RVDD, AVDD, DVDD3V, VCCPD, VCCHF, VCCPS = 3.3V
GNDCP = GNDLS = Ground Paddle = 0V, Min and Max Specified across Temp
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com