Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC536 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 2SC536
Description  TRANSISTOR (NPN)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

2SC536 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  2SC536 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2SC536 TRANSISTOR (NPN)
FEATURES
Power dissipation
PCM:
400 mW (Tamb=25
℃)
Collector current
ICM:
100 mA
Collector-base voltage
V(BR)CBO:
40 V
Operating and storage junction temperature range
TJ, Tstg: -55
℃ to +150℃
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic=100µA, IE=0
40
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic=1mA, IB=0
30
V
Emitter-Base breakdown voltage
V(BR)EBO
IE=100µA, IC=0
5
V
Collector cut-off current
ICBO
VCB=35V, IE=0
1
µA
Emitter cut-off current
IEBO
VEB=4V, IC=0
1
µA
DC current gain
hFE
VCE=6V, IC=1mA
60
960
Collector-emitter saturation voltage
VCE(sat)
IC=50mA, IB=5mA
0.5
V
Transition frequency
fT
VCE=6V, IC=1mA
100
MHz
Collector output capacitance
Cob
VCE=6V, f=1MHz
3.5
pF
CLASSIFICATION OF hFE
Rank
D
E
F
G
H
Range
60-120
100-200
160-320
280-560
480-960
1 2 3
TO-92
1. EMITTER
2. COLLECTOR
3. BASE
2SC536
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.


Similar Part No. - 2SC536

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
2SC536 WINNERJOIN-2SC536 Datasheet
126Kb / 1P
TRANSISTOR (NPN)
logo
Foshan Blue Rocket Elec...
2SC536 FOSHAN-2SC536 Datasheet
1Mb / 6P
Silicon NPN transistor in a TO-92 Plastic Package
logo
Jiangsu Changjiang Elec...
2SC536 JIANGSU-2SC536 Datasheet
404Kb / 3P
TO-92 Plastic-Encapsulate Transistors
logo
Micro Electronics
2SC536 MICRO-ELECTRONICS-2SC536 Datasheet
84Kb / 1P
Low Level and General Purpose Amplifiers
logo
Nanjing International G...
2SC536 DGNJDZ-2SC536 Datasheet
1Mb / 4P
TO-92 Plastic-Encapsulate Transistors
More results

Similar Description - 2SC536

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com