Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBLS1502V Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PBLS1502V
Description  15 V PNP BISS loadswitch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBLS1502V Datasheet(HTML) 1 Page - NXP Semiconductors

  PBLS1502V Datasheet HTML 1Page - NXP Semiconductors PBLS1502V Datasheet HTML 2Page - NXP Semiconductors PBLS1502V Datasheet HTML 3Page - NXP Semiconductors PBLS1502V Datasheet HTML 4Page - NXP Semiconductors PBLS1502V Datasheet HTML 5Page - NXP Semiconductors PBLS1502V Datasheet HTML 6Page - NXP Semiconductors PBLS1502V Datasheet HTML 7Page - NXP Semiconductors PBLS1502V Datasheet HTML 8Page - NXP Semiconductors PBLS1502V Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1.
Product profile
1.1 General description
Low VCEsat PNP transistor and NPN resistor-equipped transistor in one package.
1.2 Features
s Low VCEsat (BISS) transistor and resistor-equipped transistor in one package
s Low ‘threshold’ voltage (
< 1 V) compared to MOSFET
s Low drive power required
s Space-saving solution
s Reduction of component count.
1.3 Applications
s Supply line switches
s Battery charger switches
s High-side switches for LEDs, drivers and backlights
s Portable equipment.
1.4 Quick reference data
PBLS1502Y; PBLS1502V
15 V PNP BISS loadswitch
Rev. 02 — 4 November 2004
Product data sheet
Table 1:
Product overview
Type number
Package
Philips
EIAJ
PBLS1502Y
SOT363
SC-88
PBLS1502V
SOT666
-
Table 2:
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
TR1; PNP: low VCEsat transistor
VCEO
collector-emitter voltage
open base
-
-
−15
V
IC
collector-current (DC)
-
-
−500
mA
RCEsat
equivalent on-resistance
IC =−500 mA;
IB =−50 mA
-
300
500
m
Ω
TR2; NPN: resistor-equipped transistor
VCEO
collector-emitter voltage
open base
-
-
50
V


Similar Part No. - PBLS1502V

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBLS1502V NXP-PBLS1502V Datasheet
98Kb / 14P
15 V PNP BISS loadswitch
Rev. 03-24 August 2009
logo
Nexperia B.V. All right...
PBLS1502V NEXPERIA-PBLS1502V Datasheet
213Kb / 15P
15 V PNP BISS loadswitch
Rev. 03 - 24 August 2009
More results

Similar Description - PBLS1502V

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBLS1503Y PHILIPS-PBLS1503Y Datasheet
86Kb / 14P
15 V PNP BISS loadswitch
Rev. 02-25 November 2004
PBLS1504Y PHILIPS-PBLS1504Y Datasheet
86Kb / 14P
15 V PNP BISS loadswitch
Rev. 02-25 November 2004
PBLS1501Y NXP-PBLS1501Y Datasheet
99Kb / 14P
15 V PNP BISS loadswitch
Rev. 02-24 August 2009
PBLS1502Y NXP-PBLS1502Y Datasheet
98Kb / 14P
15 V PNP BISS loadswitch
Rev. 03-24 August 2009
PBLS1503Y NXP-PBLS1503Y Datasheet
99Kb / 14P
15 V PNP BISS loadswitch
Rev. 03-24 August 2009
PBLS1504Y NXP-PBLS1504Y Datasheet
99Kb / 14P
15 V PNP BISS loadswitch
Rev. 03-25 August 2009
logo
Nexperia B.V. All right...
PBLS1501Y NEXPERIA-PBLS1501Y Datasheet
273Kb / 13P
15 V PNP BISS loadswitch
30 January 2023
PBLS1502Y NEXPERIA-PBLS1502Y Datasheet
213Kb / 15P
15 V PNP BISS loadswitch
Rev. 03 - 24 August 2009
PBLS1503Y NEXPERIA-PBLS1503Y Datasheet
214Kb / 15P
15 V PNP BISS loadswitch
Rev. 03 - 24 August 2009
PBLS1504Y NEXPERIA-PBLS1504Y Datasheet
214Kb / 15P
15 V PNP BISS loadswitch
Rev. 03 - 25 August 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com