Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM36 Datasheet(PDF) 1 Page - TT Electronics.

Part # HM36
Description  High Current Low Profile Low Loss Ferrite Surface Mount Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

HM36 Datasheet(HTML) 1 Page - TT Electronics.

  HM36 Datasheet HTML 1Page - TT Electronics. HM36 Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.bitechnologies.com
MAGNETIC COMPONENTS SELECTOR GUIDE 2009/10 EDITION
We reserve the right to change specifications without prior notice.
26
HM36-1211R95LF
0.95
0.80
12.0
1.06
1.40
5.65
600
HM36-12111R0LF
1.00
0.92
25.0
1.40
1.70
6.50
600
HM36-12111R4LF
1.40
1.30
20.0
1.40
1.70
6.50
600
HM36-12111R5LF
1.50
1.40
18.0
1.80
2.20
5.60
600
HM36-12113R6LF
3.60
3.42
12.0
3.00
3.50
7.50
500
HM36-1311R95LF
0.95
0.80
25.0
1.20
1.40
5.65
600
HM36-13111R4LF
1.40
1.25
22.0
1.60
1.80
5.95
600
HM36-13112R4LF
2.40
2.10
16.5
2.40
3.20
5.95
600
HM36-13116R0LF
6.00
5.20
10.0
4.60
4.92
8.00
400
• OperatingTemperatureRange
-40°Cto+130°C
• OperatingFrequency
Upto3MHz
HighCurrentLowProfileLowLossFerrite
SurfaceMountInductors
Electrical / Environmental
HM36
RoHS
Compliant
Schematic
Specifications @ 25°C / Packaging
Inductance
100 kHz, 0.1 V
DC Resistance
Height ‘C’
13” Reel
Part
@ 0 A
@ Isat
Isat (1)
mW
mW
mm
Qty
Number
µH ±10%
µH Typ.
(Adc)
Typ.
Max.
Max.
Units
Note:
(1)Thesaturationcurrent(I
sat)istheapproximatecurrentatwhichinductancewillbedecreasedby20%fromitsinitial(zeroDC)value.
Case Size
A
B
D
E
F
G
1211
12.5
10.5
7.3
2.9
10.5
10.2
1311
13.1
11.2
8.1
4.0
10.4
12.8
Outline Dimensions (mm)
Recommended Solder Pad Layout
Top View
Side View
Bottom View
Refer to Specifications table for ‘C’ dimension of each model.


Similar Part No. - HM36

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HM3669 HSMC-HM3669 Datasheet
31Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - HM36

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM100 ETC1-HM100 Datasheet
295Kb / 2P
High Current Low Profile Surface Mount Inductors
HM65 ETC2-HM65 Datasheet
342Kb / 2P
High Current Low Profile Surface Mount Inductors
logo
Bi technologies
HM100 BITECH-HM100 Datasheet
295Kb / 2P
High Current Low Profile Surface Mount Inductors
HM69 BITECH-HM69_15 Datasheet
1Mb / 3P
High Current Low Profile Surface Mount Inductors
logo
TT Electronics.
HM37 TTELEC-HM37 Datasheet
578Kb / 2P
High Current Low Loss Ferrite Cube Inductors
HM56 TTELEC-HM56 Datasheet
505Kb / 2P
High Current Low Loss Ferrite Cube Inductors
HM65 TTELEC-HM65 Datasheet
1Mb / 2P
High Current Low Profile Surface Mount Inductors
HM69 TTELEC-HM69 Datasheet
1Mb / 3P
High Current Low Profile Surface Mount Inductors
HM88 TTELEC-HM88 Datasheet
788Kb / 3P
High Current Low Loss Sendust Surface Mount Inductors
HM100 TTELEC-HM100 Datasheet
807Kb / 2P
High Current Low Profile Surface Mount Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com