Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM69 Datasheet(PDF) 2 Page - TT Electronics.

Part # HM69
Description  High Current Low Profile Surface Mount Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

HM69 Datasheet(HTML) 2 Page - TT Electronics.

  HM69 Datasheet HTML 1Page - TT Electronics. HM69 Datasheet HTML 2Page - TT Electronics. HM69 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
High Current Low Profile Surface Mount Inductors
Model HM69
Outline Dimensions (mm)
Electrical Characteristics @ 25°C
HM69 - 50 R10 LF TR13
Model Series
Case Size :
Inductance Code:
First 2 digits are significant.
Last digit denotes the number of trailing zeros.
For values below 10μH, “R” denotes the decimal point.
TR - Tape & Reel Packing
13 - 13” reel
Lead-Free
Ordering Information
Case Size
A
B
C
D
E
F
G
H
10
6.00
5.00
3.00
1.00
1.50
1.60
2.00
5.80
20
7.50
6.50
5.00
1.50
2.95
3.00
2.50
7.50
30
7.00
7.00
5.00
1.50
2.3
2.50
2.50
7.50
40
7.01
6.35
3.30
1.50
2.85
3.20
2.50
7.50
50
8.60
6.30
3.30
1.50
2.85
3.20
2.50
9.00
55
8.60
6.30
4.80
1.50
2.85
3.20
2.50
9.00
60
10.2
7.00
5.10
1.50
2.50
2.80
5.50
10.5
70
13.5
13.0
6.80
3.00
5.00
5.30
5.50
13.5
75
13.5
13.0
3.50
2.00
2.50
3.20
7.00
13.5
80
13.8
13.0
8.20
2.00
5.00
5.30
5.50
13.8
www.bitechnologies.com
MAGNETIC COMPONENTS SELECTOR GUIDE 2009/10 EDITION
We reserve the right to change specifications without prior notice.
80
Outline Dimensions (mm)
Recommended Solder Pad Layout
Top View
Bottom View
Electrical Characteristics @ 25°C
Case Size
A
B
C
D
E
F
G
H
10
6.00
5.00
3.00
1.00
1.50
1.60
2.00
5.80
20
7.50
6.50
5.00
1.50
2.95
3.00
2.50
7.50
30
7.00
7.00
5.00
1.50
2.30
2.50
2.50
7.50
40
7.01
6.35
3.30
1.50
2.85
3.20
2.50
7.50
50
8.60
6.30
3.30
1.50
2.85
3.20
2.50
9.00
55
8.60
6.30
4.80
1.50
2.85
3.20
2.50
9.00
60
10.2
7.00
5.10
1.50
2.50
2.80
5.50
10.5
70
13.5
13.0
6.80
3.00
5.00
5.30
5.50
13.5
75
13.5
13.0
3.50
2.00
2.50
3.20
7.00
13.5
80
13.8
13.0
8.20
2.00
5.00
5.30
5.50
13.8
www.bitechnologies.com
MAGNETIC COMPONENTS SELECTOR GUIDE 2009/10 EDITION
We reserve the right to change specifications without prior notice.
80
Outline Dimensions (mm)
Recommended Solder Pad Layout
Top View
Bottom View
Electrical Characteristics @ 25°C
Case Size
A
B
C
D
E
F
G
H
10
6.00
5.00
3.00
1.00
1.50
1.60
2.00
5.80
20
7.50
6.50
5.00
1.50
2.95
3.00
2.50
7.50
30
7.00
7.00
5.00
1.50
2.30
2.50
2.50
7.50
40
7.01
6.35
3.30
1.50
2.85
3.20
2.50
7.50
50
8.60
6.30
3.30
1.50
2.85
3.20
2.50
9.00
55
8.60
6.30
4.80
1.50
2.85
3.20
2.50
9.00
60
10.2
7.00
5.10
1.50
2.50
2.80
5.50
10.5
70
13.5
13.0
6.80
3.00
5.00
5.30
5.50
13.5
75
13.5
13.0
3.50
2.00
2.50
3.20
7.00
13.5
80
13.8
13.0
8.20
2.00
5.00
5.30
5.50
13.8
General Note
TTElectronicsreservestherighttomakechangesinproductspecificationwithoutnoticeorliability.
AllinformationissubjecttoTTElectronics’owndataandisconsideredaccurateattimeofgoingtoprint.
©TTElectronicsplc
Rev.02 8.17
BI Technologies
A-1445, Jalan Tanjung Api
25050 Kuantan
Pahang Darul Makmur
Malaysia
Ph: +60 9 565 8888 Fax: +60 9 514 3555
http://www.ttelectronics.com/magnetics/customer-service-enquiry



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com