Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUMF11 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PUMF11
Description  NPN resistor-equipped transistor PNP general purpose transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PUMF11 Datasheet(HTML) 2 Page - NXP Semiconductors

  PUMF11 Datasheet HTML 1Page - NXP Semiconductors PUMF11 Datasheet HTML 2Page - NXP Semiconductors PUMF11 Datasheet HTML 3Page - NXP Semiconductors PUMF11 Datasheet HTML 4Page - NXP Semiconductors PUMF11 Datasheet HTML 5Page - NXP Semiconductors PUMF11 Datasheet HTML 6Page - NXP Semiconductors PUMF11 Datasheet HTML 7Page - NXP Semiconductors PUMF11 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2002 Apr 09
2
Philips Semiconductors
Product specification
NPN resistor-equipped transistor;
PNP general purpose transistor
PUMF11
FEATURES
• Resistor-equipped transistor and general purpose
transistor in one package
• 100 mA collector current
• 50 V collector-emitter voltage
• 300 mW total power dissipation
• SOT363 package; replaces two SOT323 (SC-70)
packaged devices on same PCB area
• Reduced pick and place costs.
APPLICATIONS
• Power management switch for portable equipment,
e.g. cellular phone and CD player
• Switch for regulator.
DESCRIPTION
NPN resistor-equipped transistor and a PNP general
purpose transistor in a SOT363 (SC-88) plastic package.
MARKING
Note
1.
∗ = p: Made in Hong Kong.
∗ = t: Made in Malaysia.
TYPE NUMBER
MARKING CODE(1)
PUMF11
R1
∗
PINNING
PIN
DESCRIPTION
1, 4
emitter
TR1; TR2
2, 5
base
TR1; TR2
6, 3
collector
TR1; TR2
65
4
12
3
R2
TR1
TR2
R1
MAM465
13
2
4
5
6
Top view
Fig.1 Simplified outline (SOT363) and symbol.
MBK120
2, 5
6, 3
1, 4
Fig.2 Equivalent inverter symbol.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
MAX.
UNIT
TR1 (NPN)
VCEO
collector-emitter voltage
50
V
IO
output current (DC)
100
mA
R1
bias resistor
22
k
Ω
R2
bias resistor
47
k
Ω
TR2 (PNP)
VCEO
collector-emitter voltage
50
V
IC
collector current (DC)
100
mA
ICM
peak collector current
200
mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com