Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM71 Datasheet(PDF) 2 Page - TT Electronics.

Part # HM71
Description  High Performance Low Cost Surface Mount Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

HM71 Datasheet(HTML) 2 Page - TT Electronics.

  HM71 Datasheet HTML 1Page - TT Electronics. HM71 Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2009/10 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE
We reserve the right to change specifications without prior notice.
www.bitechnologies.com
91
Ordering Information
Inductance Code:
First 2 digits are significant. Last digit denotes the
number of trailing zeros. For values below 10µH,
“R“ denotes the decimal point.
Model Series
HM71 - 30 4R7
LF
TR
Case Size:
10 = Figure 1
20 = Figure 2
30 = Figure 2
40 = Figure 2
50 = Figure 2
Outline Dimensions (Inch/mm) / Packaging
Figure 1
Figure 2
Lead Free
Tape & Reel Packing
Case size Figure
A
B
C
D
E
F
G
H
I
Reel
Capacity
10
20
30
40
50
.260
6.60
.510
12.95
.510
12.95
.175
4.45
.115
2.92
.370
9.40
.118
3.00
.370
9.40
.213
5.40
.510
12.95
.730
18.54
.370
9.40
.450
11.43
.600
15.24
.280
7.11
500 Units
1500 Units
500 Units
250 Units
350 Units
Reel
Diameter
1
2
2
2
2
7”
13”
13”
13”
13”
.040
1.02
.100
2.54
.100
2.54
.170
4.32
.300
7.62
.300
7.62
.100
2.54
.100
2.54
.300
7.62
.500
12.70
.160
4.06
.290
7.37
.290
7.37
.055
1.40
.140
3.56
.115
2.92
.110
2.79
.115
2.92
.110
2.79
.290
7.37
.490
12.45
.115
2.92
.110
2.79
.115
2.92
.110
2.79
.050
1.27
.100
2.54
.100
2.54
.100
2.54
.100
2.54
Recommended Solder Pad Layouts
Case Size
Figure
A
B
C
D
E
F
G
H
I
Reel
Diamter
Reel
Capacity
10
1
0.260
0.175
0.115
0.04
0.05
0.170
0.160
0.055
0.140
7”
500 Units
6.60
4.45
2.92
1.02
1.27
4.32
4.06
1.40
3.56
20
2
0.510
0.3700
0.118
0.100
0.100
0.300
0.290
0.115
0.110
13”
1500 Units
12.95
9.4
3.00
2.54
2.54
7.62
7.37
2.92
2.79
30
2
0.510
0.370
0.213
0.100
0.100
0.300
0.290
0.115
0.110
13”
500 Units
12.95
9.40
5.40
2.54
2.54
7.62
7.37
2.92
2.79
40
2
0.510
0.370
0.450
0.100
0.100
0.300
0.290
0.115
0.110
13”
250 Units
12.95
9.40
11.43
2.54
2.54
7.62
7.37
2.92
2.79
50
2
0.730
0.600
0.280
0.100
0.100
0.500
0.490
0.115
0.110
13”
350 Units
18.54
15.24
7.11
2.54
2.54
12.70
12.45
2.92
2.79
2009/10 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE
We reserve the right to change specifications without prior notice.
www.bitechnologies.com
91
Ordering Information
Inductance Code:
First 2 digits are significant. Last digit denotes the
number of trailing zeros. For values below 10µH,
“R“ denotes the decimal point.
Model Series
HM71 - 30 4R7
LF
TR
Case Size:
10 = Figure 1
20 = Figure 2
30 = Figure 2
40 = Figure 2
50 = Figure 2
Outline Dimensions (Inch/mm) / Packaging
Figure 1
Figure 2
Lead Free
Tape & Reel Packing
Case size Figure
A
B
C
D
E
F
G
H
I
Reel
Capacity
10
20
30
40
50
.260
6.60
.510
12.95
.510
12.95
.175
4.45
.115
2.92
.370
9.40
.118
3.00
.370
9.40
.213
5.40
.510
12.95
.730
18.54
.370
9.40
.450
11.43
.600
15.24
.280
7.11
500 Units
1500 Units
500 Units
250 Units
350 Units
Reel
Diameter
1
2
2
2
2
7”
13”
13”
13”
13”
.040
1.02
.100
2.54
.100
2.54
.170
4.32
.300
7.62
.300
7.62
.100
2.54
.100
2.54
.300
7.62
.500
12.70
.160
4.06
.290
7.37
.290
7.37
.055
1.40
.140
3.56
.115
2.92
.110
2.79
.115
2.92
.110
2.79
.290
7.37
.490
12.45
.115
2.92
.110
2.79
.115
2.92
.110
2.79
.050
1.27
.100
2.54
.100
2.54
.100
2.54
.100
2.54
Recommended Solder Pad Layouts
High Performance Low Cost Surface Mount Inductors
Model HM71
Outline Dimensions (Inch/mm) / Packaging
HM71 - 30 4R7 LF TR
Model Series
Case Size:
10 = Figure 1
20 = Figure 2
30 = Figure 2
40 = Figure 2
50 = Figure 2
TR - Tape & Reel Packing
Lead-Free
Inductance Code:
First 2 digits are significant. Last digit denotes the
number of trailing zeros. For values below 10μH,
“R“ denotes the decimal point.
Ordering Information
General Note
TTElectronicsreservestherighttomakechangesinproductspecificationwithoutnoticeorliability.
AllinformationissubjecttoTTElectronics’owndataandisconsideredaccurateattimeofgoingtoprint.
©TTElectronicsplc
Rev.02 8.17
BI Technologies
A-1445, Jalan Tanjung Api
25050 Kuantan
Pahang Darul Makmur
Malaysia
Ph: +60 9 565 8888 Fax: +60 9 514 3555
http://www.ttelectronics.com/magnetics/customer-service-enquiry



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com