Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM76 Datasheet(PDF) 2 Page - TT Electronics.

Part # HM76
Description  Drum Core, Space Efficient High Performance Surface Mount Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

HM76 Datasheet(HTML) 2 Page - TT Electronics.

  HM76 Datasheet HTML 1Page - TT Electronics. HM76 Datasheet HTML 2Page - TT Electronics. HM76 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Drum Core, Space Efficient High Performance
Surface Mount Inductors
Model HM76
Specifications (Case Size 30 and 40)
Specifications (Case Size 50)
Part Number
Inductance
μH ± 20% (1)
DC Resistance
@ 25°C (3)
ΩMax.
Rated
Current (2,4)
Amps
Schematic
Figure
HM76-30100JLF
10
0.04
4.60
A
1
HM76-30150JLF
15
0.05
3.70
A
1
HM76-30220JLF
22
0.07
3.10
A
1
HM76-30330JLF
33
0.11
2.50
A
1
HM76-30470JLF
47
0.16
2.00
A
1
HM76-30680JLF
68
0.20
1.80
A
1
HM76-30820JLF
82
0.24
1.58
A
1
HM76-30101JLF
100
0.30
1.50
A
1
HM76-30151JLF
150
0.44
1.20
A
1
HM76-30221JLF
220
0.64
1.00
A
1
HM76-30331JLF
330
1.00
0.80
A
1
HM76-30471JLF
470
1.50
0.50
A
1
HM76-30681JLF
680
2.20
0.40
A
1
HM76-30102JLF
1,000
3.15
0.30
A
1
HM76-403R3JLF
3.3
0.01
9.80
B
2
HM76-404R7JLF
4.7
0.01
9.30
B
2
HM76-406R8JLF
6.8
0.02
7.70
B
2
HM76-408R2JLF
8.2
0.02
7.00
B
2
HM76-40100JLF
10
0.02
6.50
B
2
HM76-40150JLF
15
0.03
5.30
B
2
HM76-40220JLF
22
0.04
4.40
B
2
HM76-40330JLF
33
0.06
3.50
B
2
HM76-40470JLF
47
0.07
3.00
B
2
HM76-40680JLF
68
0.11
2.50
B
2
HM76-40820JLF
82
0.12
2.20
B
2
HM76-40101JLF
100
0.15
2.00
B
2
HM76-40151JLF
150
0.22
1.70
B
2
HM76-40221JLF
220
0.33
1.30
B
2
HM76-40331JLF
330
0.45
1.10
B
2
HM76-40471JLF
470
0.70
0.93
B
2
HM76-40681JLF
680
1.00
0.78
B
2
HM76-40102JLF
1,000
1.45
0.65
B
2
Part Number
Inductance
μH ± 20% (1)
DC Resistance
@ 25°C
ΩMax.
Rated
Current (2,4)
Amps
Schematic
Figure
HM76-50R78JLF
0.78
0.003
15.0
A
3
HM76-501R3JLF
1.3
0.004
13.7
A
3
HM76-502R2JLF
2.2
0.006
12.0
A
3
HM76-503R3JLF
3.3
0.008
9.80
A
3
HM76-505R6JLF
5.6
0.010
7.50
A
3
HM76-50100JLF
10
0.023
6.00
A
3
HM76-50150JLF
15
0.035
4.50
A
3
HM76-50220JLF
22
0.045
4.00
A
3
HM76-50330JLF
33
0.075
3.00
A
3
HM76-50470JLF
47
0.096
2.60
A
3
HM76-50680JLF
68
0.140
2.30
A
3
HM76-50101JLF
100
0.190
1.70
A
3
HM76-50151JLF
150
0.290
1.50
A
3
HM76-50221JLF
220
0.410
1.20
A
3
HM76-50331JLF
330
0.540
1.00
A
3
HM76-50471JLF
470
0.800
0.83
A
3
HM76-50681JLF
680
1.150
0.72
A
3
HM76-50102JLF
1,000
1.800
0.56
A
3
Notes: (1) Inductance is measured at 100kHz, 0.1 Vrms, without DC current.
(2) Rated DC current at which inductance will be decreased by 10% from its initial value or the DC current at which ΔT = 40°C, whichever is smaller.
(3) Resistance is measured with both windings connected in parallel (case size 40 only).
(4) Rated current will be decreased by 50% when parts are connected as coupled inductors.
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
http://www.ttelectronics.com/magnetics/customer-service-enquiry
Rev.02 8.17
BI Technologies
A-1445, Jalan Tanjung Api
25050 Kuantan
Pahang Darul Makmur
Malaysia
Ph: +60 9 565 8888 Fax: +60 9 514 3555



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com