Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM79 Datasheet(PDF) 2 Page - TT Electronics.

Part # HM79
Description  Low Cost Medium Power Surface Mount Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

HM79 Datasheet(HTML) 2 Page - TT Electronics.

  HM79 Datasheet HTML 1Page - TT Electronics. HM79 Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Low Cost Medium Power
Surface Mount Inductors
MODEL HM79
Specifications@25°C
OutlineDimensions(Inch/mm)/Packaging
OrderingInformation
Part
Number
Inductance
μH ± 20% (1)
DC
Resistance
Ω Max .
Rated
Current (2)
Amps
Part
Number
Inductance
μH ± 20% (1)
DC
Resistance
Ω Max .
Rated
Current (2)
Amps
HM79-50470LF
47
0.170
1.10
HM79-60270LF
27
0.11
1.76
HM79-50560LF
56
0.199
1.01
HM79-60330LF
33
0.12
1.50
HM79-50680LF
68
0.223
0.91
HM79-60390LF
39
0.14
1.37
HM79-50820LF
82
0.252
0.85
HM79-60470LF
47
0.17
1.28
HM79-50101LF
100
0.344
0.74
HM79-60560LF
56
0.19
1.17
HM79-50121LF
120
0.396
0.69
HM79-60680LF
68
0.22
1.11
HM79-50151LF
150
0.544
0.61
HM79-60820LF
82
0.25
1.00
HM79-50181LF
180
0.621
0.56
HM79-60101LF
100
0.35
0.97
HM79-50221LF
220
0.721
0.53
HM79-60121LF
120
0.40
0.89
HM79-50271LF
270
0.949
0.45
HM79-60151LF
150
0.47
0.78
HM79-50331LF
330
1.100
0.42
HM79-60181LF
180
0.63
0.72
HM79-50391LF
390
1.245
0.38
HM79-60221LF
220
0.73
0.66
HM79-50471LF
470
1.526
0.35
HM79-60271LF
270
0.97
0.57
HM79-50561LF
560
1.904
0.32
HM79-60331LF
330
1.15
0.52
HM79-60100LF
10
0.06
2.60
HM79-60391LF
390
1.30
0.48
HM79-60120LF
12
0.07
2.45
HM79-60471LF
470
1.48
0.42
HM79-60150LF
15
0.08
2.27
HM79-60561LF
560
1.90
0.33
HM79-60180LF
18
0.09
2.15
HM79-60681LF
680
2.25
0.28
HM79-60220LF
22
0.10
1.95
HM79-60821LF
820
2.55
0.24
Notes: (1) Testconditionsforcasesizes10,20,45&46=100kHz,0.1VrmswithoutDCcurrent.Inductanceforcasesizes30,40,50&60ismeasured
at1kHzwithoutDCcurrent.
(2) RatedDCcurrentistheapproximatecurrentatwhichinductancewillbedecreasedby10%fromitsinitial(zeroDC)valueortheDCcurrent
atwhichΔT=40°C,whicheverislower.
Case
size
A
B
C
D
E
F
G
Reel
Capacity
10
.177
4.5
.158
4.0
.126
3.2
.177
4.5
.205
5.2
.059
1.5
.069
1.75
1500
20
.228
5.8
.205
5.2
.177
4.5
.228
5.8
.240
6.1
.067
1.7
.085
2.15
1500
30
.307
7.8
.276
7.0
.140
3.5
.315
8.0
.315
8.0
.079
2.0
.118
3.0
1000
40
.307
7.8
.276
7.0
.199
5.0
.315
8.0
.315
8.0
.079
2.0
.118
3.0
1000
45
.307
7.8
.276
7.0
.228
5.8
.315
8.0
.315
8.0
.079
2.0
.118
3.0
800
46
.307
7.8
276
7.0
.307
7.8
.315
8.0
.315
8.0
.079
2.0
.118
3.0
500
50
.394
10.0
.354
9.0
.158
4.0
.394
10.0
.394
10.0
.098
2.5
.148
3.75
1000
60
.394
10.0
.354
9.0
.213
5.4
.394
10.0
.394
10.0
.098
2.5
.148
3.75
500
Top View
Side View
Bottom View
Recommended Solder Pad Layout
HM79 - 30 101 LF TR13
Model Series
Case Size:
10, 20, 30, 40,
45, 46, 50, 60
Inductance Code:
First 2 digits are significant. Last digit denotes the
number of trailing zeros. For values below 10μH,
‘R’ denotes the decimal point.
TR - Tape & Reel Packing
13 - 13” reel
Lead Free
GeneralNote
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
http://www.ttelectronics.com/magnetics/customer-service-enquiry
Rev.02 8.17
BI Technologies
A-1445, Jalan Tanjung Api
25050 Kuantan
Pahang Darul Makmur
Malaysia
Ph: +60 9 565 8888 Fax: +60 9 514 3555



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com