Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFN210N30X3 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFN210N30X3
Description  N-Channel Enhancement Mode Avalanche Rated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN210N30X3 Datasheet(HTML) 1 Page - IXYS Corporation

  IXFN210N30X3 Datasheet HTML 1Page - IXYS Corporation IXFN210N30X3 Datasheet HTML 2Page - IXYS Corporation IXFN210N30X3 Datasheet HTML 3Page - IXYS Corporation IXFN210N30X3 Datasheet HTML 4Page - IXYS Corporation IXFN210N30X3 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2017 IXYS CORPORATION, All Rights Reserved.
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
C to 150C
300
V
V
DGR
T
J
= 25
C to 150C, R
GS = 1M
300
V
V
GSS
Continuous
 20
V
V
GSM
Transient
 30
V
I
D25
T
C = 25C
210
A
I
L(RMS)
External Lead Current Limit
200
A
I
DM
T
C = 25C, Pulse Width Limited by TJM
650
A
I
A
T
C = 25C
105
A
E
AS
T
C = 25C3
J
P
D
T
C = 25C
695
W
dv/dt
I
S
 I
DM, VDD  VDSS, TJ  150°C
20
V/ns
T
J
-55 ... +150
C
T
JM
150
C
T
stg
-55 ... +150
C
V
ISOL
50/60 Hz, RMS
t = 1 minute
2500
V~
I
ISOL  1mA
t = 1 second
3000
V~
M
d
Mounting Torque
1.5/13
Nm/lb.in
Terminal Connection Torque
1.3/11.5
Nm/lb.in
Weight
30
g
Symbol
Test Conditions
Characteristic Values
(T
J = 25C Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 3mA
300
V
V
GS(th)
V
DS = VGS, ID = 8mA
2.5
4.5
V
I
GSS
V
GS =  20V, VDS = 0V
200 nA
I
DSS
V
DS = VDSS, VGS = 0V
25
A
T
J = 125C
2.5 mA
R
DS(on)
V
GS = 10V, ID = 0.5 • IDSS, Note 1
3.8
4.6 m
IXFN210N30X3
V
DSS
= 300V
I
D25
= 210A
R
DS(on)
 4.6m
DS100881A(12/17)
N-Channel Enhancement Mode
Avalanche Rated
X3-Class HiPerFETTM
Power MOSFET
Features
International Standard Package
miniBLOC, with Aluminium Nitride
Isolation
Isolation Voltage 2500V~
High Current Handling Capability
Avalanche Rated
Low R
DS(on)
Advantages
High Power Density
Easy to Mount
Space Savings
Applications
Switch-Mode and Resonant-Mode
Power Supplies
DC-DC Converters
PFC Circuits
AC and DC Motor Drives
Robotics and Servo Controls
miniBLOC, SOT-227




E153432
G
D
S
S
G = Gate
D = Drain
S = Source
S
S
D
G
Advance Technical Information


Similar Part No. - IXFN210N30X3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN210N30P3 IXYS-IXFN210N30P3 Datasheet
132Kb / 5P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Rectifier
More results

Similar Description - IXFN210N30X3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTA180N10T IXYS-IXTA180N10T Datasheet
160Kb / 2P
N-Channel Enhancement Mode Avalanche Rated
IXTP08N100P IXYS-IXTP08N100P Datasheet
158Kb / 4P
N-Channel Enhancement Mode Avalanche Rated
IXTH30N50P IXYS-IXTH30N50P Datasheet
352Kb / 5P
N-Channel Enhancement Mode Avalanche Rated
IXTP2N100P IXYS-IXTP2N100P Datasheet
153Kb / 4P
N-Channel Enhancement Mode Avalanche Rated
IXTU1R4N60P IXYS-IXTU1R4N60P Datasheet
157Kb / 4P
N-Channel Enhancement Mode Avalanche Rated
IXFA90N20X3 IXYS-IXFA90N20X3 Datasheet
242Kb / 6P
N-Channel Enhancement Mode Avalanche Rated
IXFN220N20X3 IXYS-IXFN220N20X3 Datasheet
153Kb / 5P
N-Channel Enhancement Mode Avalanche Rated
IXFT120N30X3HV IXYS-IXFT120N30X3HV Datasheet
257Kb / 6P
N-Channel Enhancement Mode Avalanche Rated
MMIX1T132N50P3 IXYS-MMIX1T132N50P3 Datasheet
273Kb / 7P
N-Channel Enhancement Mode Avalanche Rated
IXFA60N25X3 IXYS-IXFA60N25X3 Datasheet
272Kb / 6P
N-Channel Enhancement Mode Avalanche Rated Avalanche Rated
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com