Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTP110N12T2 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTP110N12T2
Description  N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP110N12T2 Datasheet(HTML) 1 Page - IXYS Corporation

  IXTP110N12T2 Datasheet HTML 1Page - IXYS Corporation IXTP110N12T2 Datasheet HTML 2Page - IXYS Corporation IXTP110N12T2 Datasheet HTML 3Page - IXYS Corporation IXTP110N12T2 Datasheet HTML 4Page - IXYS Corporation IXTP110N12T2 Datasheet HTML 5Page - IXYS Corporation IXTP110N12T2 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2017 IXYS CORPORATION, All Rights Reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
C to 175C
120
V
V
DGR
T
J
= 25
C to 175C, R
GS = 1M
120
V
V
GSS
Continuous
20
V
V
GSM
Transient
30
V
I
D25
T
C = 25C
110
A
I
DM
T
C = 25C, Pulse Width Limited by TJM
200
A
I
A
T
C = 25C55
A
E
AS
T
C = 25C
800
mJ
P
D
T
C = 25C
517
W
T
J
-55 ... +175
C
T
JM
175
C
T
stg
-55 ... +175
C
T
L
Maximum Lead Temperature for Soldering
300
°C
T
SOLD
Plastic Body for 10s
260
°C
M
d
Mounting Torque (TO-220)
1.13 / 10
Nm/lb.in.
Weight
TO-263
2.5
g
TO-220
3.0
g
Symbol
Test Conditions
Characteristic Values
(T
J = 25C Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 250A
120
V
V
GS(th)
V
DS = VGS, ID = 250A
2.5
4.5
V
I
GSS
V
GS =  20V, VDS = 0V
200 nA
I
DSS
V
DS = VDSS, VGS = 0V
5
A
T
J = 150C
350
A
R
DS(on)
V
GS = 10V, ID = 0.5 • ID25, Notes 1, 2
11.4
14.0 m
TrenchT2TM
Power MOSFET
N-Channel Enhancement Mode
Avalanche Rated
Fast Intrinsic Rectifier
IXTA110N12T2
IXTP110N12T2
V
DSS
= 120V
I
D25
= 110A
R
DS(on)
 14m
DS100830A(5/17)
Features
International Standard Packages
175°C Operating Temperature
Avalanche Rated
Low R
DS(on)
Fast Intrinsic Rectifier
High Current Handling Capability
Advantages
Easy to Mount
Space Savings
High Power Density
Applications
Synchronous Rectification
DC/DC Converters and Off-Line UPS
Primary- Side Switch
High Current Switching Applications
G = Gate
D
= Drain
S = Source
Tab = Drain
TO-263AA (IXTA)
G
D S
TO-220AB (IXTP)
D (Tab)
G
S
D (Tab)
Advance Technical Information


Similar Part No. - IXTP110N12T2

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXTP110N12T2 ISC-IXTP110N12T2 Datasheet
294Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXTP110N12T2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN44N80Q3 IXYS-IXFN44N80Q3 Datasheet
129Kb / 2P
N-Channel Enhancement Mode Fast Intrinsic Rectifier Avalanche Rated
MMIX1F40N110P IXYS-MMIX1F40N110P Datasheet
184Kb / 6P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Rectifier
MMIX2F60N50P3 IXYS-MMIX2F60N50P3 Datasheet
218Kb / 6P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Rectifier
MMIX2F150N20T IXYS-MMIX2F150N20T Datasheet
267Kb / 7P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Rectifier
IXFB210N30P3 IXYS-IXFB210N30P3 Datasheet
141Kb / 5P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Rectifier
IXTA140N12T2 IXYS-IXTA140N12T2 Datasheet
210Kb / 6P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Rectifier
IXFA26N50P3 IXYS-IXFA26N50P3 Datasheet
306Kb / 6P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Rectifier
IXFA14N60P3 IXYS-IXFA14N60P3 Datasheet
282Kb / 6P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Rectifier
IXFA36N30P3 IXYS-IXFA36N30P3 Datasheet
202Kb / 5P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Rectifier
IXTA80N12T2 IXYS-IXTA80N12T2 Datasheet
203Kb / 6P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com