Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTP140N12T2 Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXTP140N12T2
Description  N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP140N12T2 Datasheet(HTML) 5 Page - IXYS Corporation

  IXTP140N12T2 Datasheet HTML 1Page - IXYS Corporation IXTP140N12T2 Datasheet HTML 2Page - IXYS Corporation IXTP140N12T2 Datasheet HTML 3Page - IXYS Corporation IXTP140N12T2 Datasheet HTML 4Page - IXYS Corporation IXTP140N12T2 Datasheet HTML 5Page - IXYS Corporation IXTP140N12T2 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
© 2017 IXYS CORPORATION, All Rights Reserved
IXTA140N12T2
IXTP140N12T2
Fig. 14. Resistive Turn-on Rise Time
vs. Drain Current
16
20
24
28
32
36
40
60
100
140
180
220
260
ID - Amperes
RG = 2Ω , VGS = 10V
VDS = 60V
TJ = 150
oC
TJ = 25
oC
Fig. 15. Resistive Turn-on Switching Times
vs. Gate Resistance
0
20
40
60
80
100
120
2
3456
789
10
RG - Ohms
10
20
30
40
50
60
70
t r
td(on)
TJ = 150
oC, VGS = 10V
VDS = 60V
I D = 140A, 280A
Fig. 16. Resistive Turn-off Switching Times
vs. Junction Temperature
10
15
20
25
30
35
40
25
50
75
100
125
150
TJ - Degrees Centigrade
30
35
40
45
50
55
60
t f
td(off)
RG = 2Ω, VGS = 10V
VDS = 60V
I D = 280A
I D = 140A
Fig. 17. Resistive Turn-off Switching Times
vs. Drain Current
12
14
16
18
20
22
24
60
80
100
120
140
160
180
200
220
240
ID - Amperes
30
35
40
45
50
55
60
t f
td(off)
RG = 2Ω, VGS = 10V
VDS = 60V
TJ = 25
oC
TJ = 150
oC
Fig. 13. Resistive Turn-on Rise Time
vs. Junction Temperature
16
20
24
28
32
36
40
25
50
75
100
125
150
TJ - Degrees Centigrade
RG = 2Ω , VGS = 10V
VDS = 60V
I D = 280A
I D = 140A
Fig. 18. Resistive Turn-off Switching Times
vs. Gate Resistance
0
20
40
60
80
100
120
140
2
345
6789
10
RG - Ohms
20
40
60
80
100
120
140
160
I D = 140A
I D = 280A
t r
td(on)
TJ = 150
oC, VGS = 10V
VDS = 60V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com