Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOTF292L Datasheet(PDF) 4 Page - Alpha & Omega Semiconductors

Part # AOTF292L
Description  100V N-Channel AlphaSGT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOTF292L Datasheet(HTML) 4 Page - Alpha & Omega Semiconductors

  AOTF292L Datasheet HTML 1Page - Alpha & Omega Semiconductors AOTF292L Datasheet HTML 2Page - Alpha & Omega Semiconductors AOTF292L Datasheet HTML 3Page - Alpha & Omega Semiconductors AOTF292L Datasheet HTML 4Page - Alpha & Omega Semiconductors AOTF292L Datasheet HTML 5Page - Alpha & Omega Semiconductors AOTF292L Datasheet HTML 6Page - Alpha & Omega Semiconductors AOTF292L Datasheet HTML 7Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AOT292L/AOB292L/AOTF292L
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0
200
400
600
800
1000
0.0001
0.001
0.01
0.1
1
10
Pulse Width (s)
Figure 10A: Single Pulse Power Rating Junction-to-
0
2
4
6
8
10
0
20
40
60
80
100
Q
g (nC)
Figure 7: Gate-Charge Characteristics
0
1500
3000
4500
6000
7500
9000
0
20
40
60
80
100
V
DS (Volts)
Figure 8: Capacitance Characteristics
C
iss
C
oss
C
rss
V
DS=50V
I
D=20A
T
J(Max)=175°C
T
C=25°C
10
µs
0.0
0.1
1.0
10.0
100.0
1000.0
0.01
0.1
1
10
100
1000
V
DS (Volts)
V
> or equal to 6V
10
µs
1ms
DC
R
DS(ON)
limited
T
J(Max)=175°C
T
C=25°C
100
µs
10ms
Figure 10A: Single Pulse Power Rating Junction-to-
Case for TO220 & TO263 (Note F)
V
GS> or equal to 6V
Figure 9A: Maximum Forward Biased Safe
Operating Area for TO220 & TO263 (Note F)
0
200
400
600
800
1000
0.0001
0.001
0.01
0.1
1
10
100
Pulse Width (s)
Figure 10B: Single Pulse Power Rating Junction-to-
Case for TO220F (Note F)
T
J(Max)=175°C
T
C=25°C
0.0
0.1
1.0
10.0
100.0
1000.0
0.01
0.1
1
10
100
1000
V
DS (Volts)
V
GS> or equal to 6V
Figure 9B: Maximum Forward Biased Safe
Operating Area for TO220F (Note F)
10
µs
1ms
DC
R
DS(ON)
limited
T
J(Max)=175°C
T
C=25°C
100
µs
10ms
1s
100ms
Rev.2.0: March 2016
www.aosmd.com
Page 4 of 7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com