Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KGF1313 Datasheet(PDF) 7 Page - OKI electronic componets

Part # KGF1313
Description  Power FET (Plastic Package Type)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

KGF1313 Datasheet(HTML) 7 Page - OKI electronic componets

  KGF1313 Datasheet HTML 1Page - OKI electronic componets KGF1313 Datasheet HTML 2Page - OKI electronic componets KGF1313 Datasheet HTML 3Page - OKI electronic componets KGF1313 Datasheet HTML 4Page - OKI electronic componets KGF1313 Datasheet HTML 5Page - OKI electronic componets KGF1313 Datasheet HTML 6Page - OKI electronic componets KGF1313 Datasheet HTML 7Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7/7
KGF1313
¡ electronic components
Test Circuit and Bias Configuration for KGF1313 at 1.9 GHz
IN
f = 1.9 GHz
T1: Z0 = 80 W, E = 77 deg
T2: Z0 = 10 W, E = 18 deg
T3: Z0 = 30 W, E = 53 deg
C1 = 0.8 pF
CC = 1000 pF, CF = 1000 pF, CB = 1000 pF, RFC = 60 nH
OUT
(1)
(2)
CC
T3
T1
T6
T4
CC
VDS
RFC
T4: Z0 = 30 W, E = 53 deg
T5: Z0 = 27 W, E = 42 deg
T6: Z0 = 80 W, E = 43 deg
C1
CB
CF
RFC
CB
CF
VGS
(3)
T5
T2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com