Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU323Z Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BU323Z
Description  isc Silicon NPN Darlington Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BU323Z Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BU323Z Datasheet HTML 1Page - Inchange Semiconductor Company Limited BU323Z Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon NPN Darlington Power Transistor
BU323Z
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC=7A, IB= 0
350
V
VCE(sat)1
Collector-Emitter Saturation Voltage
IC= 7A ,IB= 70mA
1.6
V
VCE(sat)2
Collector-Emitter Saturation Voltage
IC= 8A ,IB= 0.1A
1.8
V
VCE(sat)3
Collector-Emitter Saturation Voltage
IC= 10A ,IB= 0.25A
1.7
V
VBE(sat)1
Base-Emitter Saturation Voltage
IC= 8A ,IB= 100mA
2.2
V
VBE(sat)2
Base-Emitter Saturation Voltage
IC= 10A ,IB= 0.25A
2.5
V
VBE(on)1
Base-Emitter On Voltage
IC= 5A ; VCE= 2V
2.1
V
VBE(on)2
Base-Emitter On Voltage
IC= 8A ; VCE= 5V
2.3
V
ICBO
Collector Cutoff Current
VCB=-350V, IE= 0
100
μ
A
ICEO
Collector Cutoff Current
VCE=200V, IB= 0
100
μ
A
IEBO
Emitter Cutoff Current
VEB= 5V; IC= 0
50
mA
hFE-1
DC Current Gain
IC= 6.5A ; VCE= 1.5V
150
hFE-2
DC Current Gain
IC= 5.0A ; VCE=4.6V
500
3400



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com