Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH350ILT Datasheet(PDF) 14 Page - STMicroelectronics

Part # TSH350ILT
Description  550 MHz, Low Noise Current Feedback Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH350ILT Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TSH350ILT Datasheet HTML 10Page - STMicroelectronics TSH350ILT Datasheet HTML 11Page - STMicroelectronics TSH350ILT Datasheet HTML 12Page - STMicroelectronics TSH350ILT Datasheet HTML 13Page - STMicroelectronics TSH350ILT Datasheet HTML 14Page - STMicroelectronics TSH350ILT Datasheet HTML 15Page - STMicroelectronics TSH350ILT Datasheet HTML 16Page - STMicroelectronics TSH350ILT Datasheet HTML 17Page - STMicroelectronics TSH350ILT Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
TSH350
Noise Measurements
14/21
The input noise of the instrumentation must be extracted from the measured noise value. The real output
noise value of the driver is:
Equation 3
The input noise is called the Equivalent Input Noise as it is not directly measured but is evaluated from the
measurement of the output divided by the closed loop gain (eNo/g).
After simplification of the fourth and the fifth term of Equation 2 we obtain:
Equation 4
Measurement of the Input Voltage Noise eN
If we assume a short-circuit on the non-inverting input (R3=0), from Equation 4 we can derive:
Equation 5
In order to easily extract the value of eN, the resistance R2 will be chosen to be as low as possible. In the
other hand, the gain must be large enough:
R3=0, gain: g=100
Measurement of the Negative Input Current Noise iNn
To measure the negative input current noise iNn, we set R3=0 and use Equation 5. This time the gain
must be lower in order to decrease the thermal noise contribution:
R3=0, gain: g=10
Measurement of the Positive Input Current Noise iNp
To extract iNp from Equation 3, a resistance R3 is connected to the non-inverting input. The value of R3
must be chosen in order to keep its thermal noise contribution as low as possible against the iNp
contribution:
R3=100W, gain: g=10
eNo
Measured
()
2
instrumentation
()
2
–
=
eNo
2
eN
2
g
2
iNn
2
R2
2
iNp
2
+
×
+
×
R3
2
×
g
2
×
g4kTR2
1
R2
R1
--------
+
2
4kTR3
×
+
×
+
=
eNo
eN
2
g
2
iNn
2
R2
2
g4kTR2
×
+
×
+
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com