Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH350IDT Datasheet(PDF) 16 Page - STMicroelectronics

Part # TSH350IDT
Description  550 MHz, Low Noise Current Feedback Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH350IDT Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TSH350IDT Datasheet HTML 12Page - STMicroelectronics TSH350IDT Datasheet HTML 13Page - STMicroelectronics TSH350IDT Datasheet HTML 14Page - STMicroelectronics TSH350IDT Datasheet HTML 15Page - STMicroelectronics TSH350IDT Datasheet HTML 16Page - STMicroelectronics TSH350IDT Datasheet HTML 17Page - STMicroelectronics TSH350IDT Datasheet HTML 18Page - STMicroelectronics TSH350IDT Datasheet HTML 19Page - STMicroelectronics TSH350IDT Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
TSH350
The Bias of an Inverting Amplifier
16/21
7 The Bias of an Inverting Amplifier
A resistance is necessary to achieve a good input biasing, such as resistance R shown in Figure 33.
The magnitude of this resistance is calculated by assuming the negative and positive input bias current.
The aim is to compensate for the offset bias current, which could affect the input offset voltage and the
output DC component. Assuming Ib-, Ib+, Rin, Rfb and a zero volt output, the resistance R will be:
Figure 34: Compensation of the input bias current
R
R
in
R
fb
×
R
in
R
+
fb
-----------------------
=
R
Load
Output
Rfb
Rin
Ib-
Ib+
Vcc+
Vcc-
+
_
R
Load
Output
Rfb
Rin
Ib-
Ib+
Vcc+
Vcc-
+
_



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com