Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS16632RGER Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS16632RGER
Description  60-V, 6-A Power Limiting eFuse
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS16632RGER Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS16632RGER Datasheet HTML 3Page - Texas Instruments TPS16632RGER Datasheet HTML 4Page - Texas Instruments TPS16632RGER Datasheet HTML 5Page - Texas Instruments TPS16632RGER Datasheet HTML 6Page - Texas Instruments TPS16632RGER Datasheet HTML 7Page - Texas Instruments TPS16632RGER Datasheet HTML 8Page - Texas Instruments TPS16632RGER Datasheet HTML 9Page - Texas Instruments TPS16632RGER Datasheet HTML 10Page - Texas Instruments TPS16632RGER Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
7
TPS1663
www.ti.com
SLVSET9A – SEPTEMBER 2018 – REVISED OCTOBER 2018
Product Folder Links: TPS1663
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Electrical Characteristics (continued)
–40°C
≤ TA = TJ ≤ +125°C, 4.5 V < V(IN) = V(P_IN) < 60 V, V(SHDN) = 2 V, R(ILIM) = 30 kΩ, IMON = PGOOD = FLT = OPEN, C(OUT)
= 1 μF, C(dVdT) = OPEN. (All voltages referenced to GND, (unless otherwise noted))
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
R(PGOOD)
PGOOD Pull-down resistance
V(dVdT) = 0 V, I(PGOOD) = 5 mA sinking
36
70
130
Ω
I(PGOOD)
PGOOD Input leakage current
0 V
≤ V(PGOOD) ≤ 60 V
–100
100
nA
THERMAL SHUT DOWN (TSD)
T(J_REG)
Thermal regulation set point
147
150
154
ºC
T(TSD)
TSD threshold, rising
164
ºC
T(TSDhyst)
TSD hysteresis
11
ºC
MODE
MODE_SEL
Mode selection
MODE = Open
Latch
MODE = Short to GND
Auto–R
etry
7.6 Timing Requirements
–40°C
≤ TA = TJ ≤ +125°C, 4.5 V < V(IN) = V(P_IN) < 60 V, V(SHDN) = 2 V, R(ILIM) = 30 kΩ, IMON = PGOOD = FLT = OPEN, C(OUT)
= 1 μF, C(dVdT) = OPEN. (All voltages referenced to GND, (unless otherwise noted))
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
UVLO INPUT (UVLO)
UVLO_ton(dly)
UVLO switch turnon delay
UVLO
↑ (100 mV above V(UVLOR)) to
V(OUT) = 100 mV
669 +
49564 x
C(dVdT)
µs
UVLO_toff(dly)
UVLO switch turnoff delay
UVLO
↓(20 mV below V(UVLOF)) to FLT↓
12
µs
OVER VOLTAGE PROTECTION INPUT (OVP)
tOVP(dly)
OVP switch turnOFF delay
OVP
↑ (20 mV above V(OVPR)) to FLT↓
10
µs
tOVP(dly)
OVP switch disable delay
OVP
↓ (100 mV below V(OVPF)) to FET
ON
150 +
49564 x
C(dVdT)
µs
SHUTDOWN CONTROL INPUT (SHDN)
tSD(dly)
SHUTDOWN entry delay
SHDN
↓ (below V(SHUTF)) to FET OFF
0.9
µs
CURRENT LIMIT
tRCB_FLT(dly)
Hot-short response time
I(OUT) > I(SCP)
0.3
µs
Soft short response
I(FASTTRIP) < I(OUT) < I(SCP)
3.3
4.2
µs
tCL_PLIM(dly)
Maximum duration in current & (power
limiting: TPS16632 Only)
162
ms
tCL_PLIM_FLT(dly)
FLT delay in current & (power limiting:
TPS16632 Only)
1.3
ms
OUTPUT RAMP CONTROL (dVdT)
t(FASTCHARGE)
Output ramp time in fast charging
C(dVdT) = Open, 10% to 90%
V(OUT), C(OUT) = 1 µF;
240
µs
t(dVdT)
Output ramp time
C(dVdT) = 22 nF, 10% to 90% V(OUT)
8.35
ms
POWER GOOD (PGOOD)
tPGOOD
PGOOD delay (deglitch)
Rising and falling edges
11.5
ms
THERMAL SHUTDOWN (TSD)
t(TSD_retry)
Retry delay in TSD
MODE = GND
648
ms
t(Treg_timeout)
Thermal Regulation Timeout
1.3
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com