Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V385AGT Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # V385AGT
Description  8-BIT LVDS TRANSMITTER FOR VIDEO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

V385AGT Datasheet(HTML) 7 Page - Integrated Circuit Systems

  V385AGT Datasheet HTML 1Page - Integrated Circuit Systems V385AGT Datasheet HTML 2Page - Integrated Circuit Systems V385AGT Datasheet HTML 3Page - Integrated Circuit Systems V385AGT Datasheet HTML 4Page - Integrated Circuit Systems V385AGT Datasheet HTML 5Page - Integrated Circuit Systems V385AGT Datasheet HTML 6Page - Integrated Circuit Systems V385AGT Datasheet HTML 7Page - Integrated Circuit Systems V385AGT Datasheet HTML 8Page - Integrated Circuit Systems V385AGT Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
8-BIT LVDS TRANSMITTER FOR VIDEO
V385
V385 Datasheet
7
3/30/05
Revision 1.6
Integrated Circuit Systems • 525 Race St reet, San Jose, CA 95 126 • tel (408) 297-1201 • w w w. icst.com
Figure AC4. Transmitter Device Transition Times and Load
Figure AC5. Transmitter LVDS Output Pulse Position Measurement
TTL Input
TCIT
5 pF
100 ohms
LVDS Output
TCIT
LLHT
LLHT
20%
20%
10%
10%
80%
80%
90%
90%
TxIN27-1
TxIN27-1
TxOUT3
TxIN23
TxIN17
TxIN16
TxIN11
TxIN10
TxIN5
TxIN19-1
TxIN20-1
TxIN26
TxIN25
TxIN24
TxIN22
TxIN21
TxIN20
TxIN8-1
TxIN9-1
TxIN18
TxIN15
TxIN14
TxIN13
TxIN12
TxIN9
TxIN0-1
TxIN1-1
TxIN7TxIN6
TxIN4TxIN3
TxIN2TxIN1
TxOUT2
TxOUT1
TxOUT0
TPPos0
TPPos1
TPPos2
TPPos3
TPPos4
TPPos5
TPPos6
TxCLK OUT+



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com