Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJ10016 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MJ10016
Description  isc Silicon NPN Darlington Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJ10016 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MJ10016 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJ10016 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc website: www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Silicon NPN Darlington Power Transistor
MJ10016
DESCRIPTION
·
With TO-3 packaging
·
Very high DC current gain
·
Monolithic darlington transistor with integrated
antiparallel collector-emitter diode
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Electronic ignition
·
Alternator regulator
·
Motor controls
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
700
V
VCEO
Collector-Emitter Voltage
500
V
VEBO
Emitter-Base Voltage
8
V
IC
Collector Current-Continuous
50
A
ICM
Collector Current-Peak
75
A
IB
Base Current- Continuous
10
A
PC
Collector Power Dissipation
250
W
Tj
Max.Junction Temperature
200
℃
Tstg
Storage Temperature Range
-65~200
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
0.7
℃
/W


Similar Part No. - MJ10016

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJ10016 MOSPEC-MJ10016 Datasheet
181Kb / 4P
POWER TRANSISTORS(50A,400-500V,250W)
logo
Motorola, Inc
MJ10016 MOTOROLA-MJ10016 Datasheet
217Kb / 6P
50 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 AND 500 VOLTS 250 WATTS
logo
ON Semiconductor
MJ10016 ONSEMI-MJ10016 Datasheet
217Kb / 6P
NPN SILICON POWER DARLINGTON TRANSISTORS
1995 REV 1
logo
New Jersey Semi-Conduct...
MJ10016 NJSEMI-MJ10016 Datasheet
71Kb / 1P
NPN SILICON POWER DARLINGTON TRANSISTORS
More results

Similar Description - MJ10016

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SD560 ISC-2SD560 Datasheet
141Kb / 3P
isc Silicon NPN Darlington Power Transistor
TIP130 ISC-TIP130 Datasheet
105Kb / 2P
isc Silicon NPN Darlington Power Transistor
MJ11020 ISC-MJ11020 Datasheet
81Kb / 2P
isc Silicon NPN Darlington Power Transistor
MJ11012 ISC-MJ11012 Datasheet
51Kb / 2P
isc Silicon NPN Darlington Power Transistor
MJ11016 ISC-MJ11016 Datasheet
51Kb / 2P
isc Silicon NPN Darlington Power Transistor
MJ11032 ISC-MJ11032 Datasheet
51Kb / 2P
isc Silicon NPN Darlington Power Transistor
2SD1027 ISC-2SD1027 Datasheet
103Kb / 2P
isc Silicon NPN Darlington Power Transistor
2SD1126 ISC-2SD1126 Datasheet
249Kb / 2P
isc Silicon NPN Darlington Power Transistor
2SD1190 ISC-2SD1190 Datasheet
250Kb / 2P
isc Silicon NPN Darlington Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com