Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTE388 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # NTE388
Description  isc Silicon PNP Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

NTE388 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  NTE388 Datasheet HTML 1Page - Inchange Semiconductor Company Limited NTE388 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon PNP Power Transistor
NTE388
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= 8A; IB= 800mA
1.4
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= 16A; IB= 3.2A
4.0
V
VBE(on)
Base-Emitter On Voltage
IC= 8A; VCE=4V
2.2
V
VCBO
Collector-Base Breakdown Voltage
IC= 1mA; IB= 0
400
VCEO
Collector-Emitter Breakdown Voltage
IC=100mA;IE=0
250
VEBO
Emitter-Base Breakdown Voltage
IE=1mA;IB= 0
5
ICEO
Collector Cutoff Current
VCE= 200V; IE= 0
500
μ
A
IEBO
Emitter Cutoff Current
VEB=5V; IC= 0
500
μ
A
hFE-1
DC Current Gain
IC=8A; VCE=4V
15
60
hFE-2
DC Current Gain
IC=16A; VCE=4V
5



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com