Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3060G-AF5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # L3060G-AF5-R
Description  HIGH DIMMING RATIO LED CONSTANT CURRENT DRIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L3060G-AF5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  L3060G-AF5-R Datasheet HTML 1Page - Unisonic Technologies L3060G-AF5-R Datasheet HTML 2Page - Unisonic Technologies L3060G-AF5-R Datasheet HTML 3Page - Unisonic Technologies L3060G-AF5-R Datasheet HTML 4Page - Unisonic Technologies L3060G-AF5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
L3060
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R125-037.C
30V/500mA HIGH DIMMING
RATIO LED CONSTANT
CURRENT DRIVER
DESCRIPTION
The UTC L3060 is a continuous conduction mode inductive
step-down converter, designed for driving single or multiple series
connected LEDs efficiently from a voltage source higher than the
total LEDs chain voltage. The device provides an externally
adjustable output current of up to 500mA for a single LED. A
dedicated DIM pin accepts either a DC voltage (0.5V~2.5V)
dimming or a wide range of pulsed dimming. Applying a voltage of
0.3V or lower to the DIM pin turns the output off and switches the
device into a low current standby state.
The UTC L3060 has a build-in power switch, based on different
input voltage, UTC L3060 can drive several 1W or 2W LEDs.
FEATURES
* 5V~30V input voltage range
* Simple low parts count
* Typical ±3% output current accuracy
* Up to 500mA output current
* Single DIM pin on/off and brightness control using DC voltage or
PWM signal
* High efficiency up to 97%
* Adjustable constant LED current
* Protection features:
LED open-circuit protection
LED short-circuit protection
Internal thermal shutdown protection.
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
L3060L-AF5-R
L3060G-AF5-R
SOT-25
Tape Reel


Similar Part No. - L3060G-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L3060G-AF5-R UTC-L3060G-AF5-R Datasheet
231Kb / 5P
CMOS IC
More results

Similar Description - L3060G-AF5-R

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PDA040B-700B PHIHONG-PDA040B-700B Datasheet
164Kb / 3P
40W Constant Current LED Driver Waterproof LED Driver Non-Dimming
PDA060B-700B PHIHONG-PDA060B-700B Datasheet
204Kb / 3P
60W Constant Current LED Driver Waterproof LED Driver Non-Dimming
logo
E-CMOS Corporation
EC4215 E-CMOS-EC4215 Datasheet
257Kb / 6P
Constant Current LED Driver with PWM Dimming
logo
Bright Power Semiconduc...
BP1360 BPS-BP1360 Datasheet
139Kb / 2P
30V/500mA High Dimming Ratio LED Constant Current Driver
BP1361 BPS-BP1361 Datasheet
139Kb / 2P
30V/750mA High Dimming Ratio LED Constant Current Driver
logo
Shenzhen Tianyuan Semic...
TP8005 TPOWER-TP8005 Datasheet
565Kb / 7P
36V/1.2A high dimming ratio LED driver
logo
Shenzhen Huazhimei Semi...
HM3343 HMSEMI-HM3343 Datasheet
1Mb / 10P
PWM dimming LED constant current driver chip
HM3342 HMSEMI-HM3342 Datasheet
779Kb / 11P
high-frequency PWM dimming LED constant current driver chip
HM7138 HMSEMI-HM7138 Datasheet
375Kb / 7P
PWM dimming LED constant current driver
logo
Guangdong Youtai Semico...
PT4115 UMW-PT4115 Datasheet
1Mb / 9P
30V / 1.2A high dimming ratio LED constant current driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com