Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5200L-45-AG6-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # L5200L-45-AG6-R
Description  LOW NOISE, REGULATED CHARGE PUMP DC/DC CONVERTERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L5200L-45-AG6-R Datasheet(HTML) 2 Page - Unisonic Technologies

  L5200L-45-AG6-R Datasheet HTML 1Page - Unisonic Technologies L5200L-45-AG6-R Datasheet HTML 2Page - Unisonic Technologies L5200L-45-AG6-R Datasheet HTML 3Page - Unisonic Technologies L5200L-45-AG6-R Datasheet HTML 4Page - Unisonic Technologies L5200L-45-AG6-R Datasheet HTML 5Page - Unisonic Technologies L5200L-45-AG6-R Datasheet HTML 6Page - Unisonic Technologies L5200L-45-AG6-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
L5200
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 7
www.unisonic.com.tw
QW-R502-029.F
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
MARKING
MSOP-8
A D : A DJ
SOT-26
TSOT-26
45: 4. 5V
50: 5. 0V
5
4
3
LE
G
Voltage Code
2
1
6
PIN CONFIGURATIONS
3
2
1
4
5
6
4
3
2
1
5
6
7
8
MSOP-8
VOUT
FB
SHDN
SGND
PGND
VIN
C +
SOT-26/TSOT-26
C +
VIN
C -
C -
VOUT
GND
SHDN
UTC
L5200-ADJ
UTC
L5200-XX
(Fixed)
PIN DESCRIPTION
PIN NO.
L5200-ADJ
L5200-xx
MSOP-8
SOT-26/TSOT-26
PIN
NAME
FUNCTION
1
6
C+
Flying Capacitor Positive Terminal
2
5
VIN
Input Supply Voltage, should be bypassed with a 1μF~4.7μf low ESR
ceramic capacitor.
3
4
C¯
Flying Capacitor Negative Terminal
4, 5
2
GND
Ground terminal, should be tied to a ground plane for best
performance
6
3
SHDN
Shutdown Mode, Active-Low Input. A low on SHDN disables the
L5200 series. SHDN must not be allowed to float.
7
X
FB
Feedback Input Pin for Adjustable output. An output divider should be
connected from VOUT to FB to program the output voltage.
8
1
VOUT
Regulated Output Voltage, should be bypassed with a 1μF~4.7μF low
ESR ceramic capacitor as close as possible to the pin for best
performance
X : The pin is Inexistent for SOT-26 and TSOT-26 package.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com