Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UL51AG-SH2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UL51AG-SH2-R
Description  HIGH POWER FACTOR LINEAR CONSTANT CURRENT LED DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UL51AG-SH2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UL51AG-SH2-R Datasheet HTML 1Page - Unisonic Technologies UL51AG-SH2-R Datasheet HTML 2Page - Unisonic Technologies UL51AG-SH2-R Datasheet HTML 3Page - Unisonic Technologies UL51AG-SH2-R Datasheet HTML 4Page - Unisonic Technologies UL51AG-SH2-R Datasheet HTML 5Page - Unisonic Technologies UL51AG-SH2-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UL51A
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R125-063.a
HIGH POWER FACTOR LINEAR
CONSTANT CURRENT LED
DRIVER
DESCRIPTION
UTC UL51A is a high power factor linear constant current LED
driver which is applied to LED lighting. Through the distinctive
constant current control technology, it realizes that constant current
accuracy is less than ±5% and output current is adjustable through
external resistor. High power factor and low harmonic distortion are
the particular features.
The system is simple without transformer and electrolysis
capacitor. Therefore, LED lighting batch job can be realized.
FEATURES
* No transformer and high voltage electrolysis capacitor
* Integrated high voltage startup power supply circuit
* Adjustable output current, max 100mA
* Inter-chip current deviation < ±5%
* Efficiency: >90%
* Power factor: >0.95
* THD<20%
* Over temperature protection
* Application system no EMI problems
HSOP-8
ORDERING INFORMATION
Ordering Number
Package
Packing
UL51AG-SH2-R
HSOP-8
Tape Reel
UL51AG-SH2-R
(1)Packing Type
(2)Package Type
(1) R: Tape Reel
(2) SH2: HSOP-8
(3) G: Halogen Free and Lead Free
(3)Green Package
MARKING


Similar Part No. - UL51AG-SH2-R

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
UL50 OMRON-UL50 Datasheet
1Mb / 34P
Contact Displacement Sensors
logo
Altech corporation
UL508 ALTECH-UL508 Datasheet
411Kb / 10P
UL508 Listed Busbars
logo
Mersen
UL508 MERSEN-UL508 Datasheet
603Kb / 4P
Disconnect Switches
logo
Schneider Electric
UL508A SCHNEIDER-UL508A Datasheet
39Kb / 1P
SPEED DRIVE OUTPUT FILTER 460V 60HP ATV
Sep 14, 2021
logo
FIBOX Enclosing innovat...
UL508A FIBOX-UL508A Datasheet
230Kb / 3P
Cabinet, PC
24.07.2023
More results

Similar Description - UL51AG-SH2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UPSLD01 UTC-UPSLD01 Datasheet
157Kb / 5P
HIGH POWER FACTOR LINEAR CONSTANT CURRENT LED DRIVER
logo
E-CMOS Corporation
EC4220 E-CMOS-EC4220 Datasheet
210Kb / 5P
High power factor linear constant current LED driver (Preliminary Version)
logo
Unisonic Technologies
UL52A UTC-UL52A Datasheet
150Kb / 6P
HIGH POWER FACTOR LINEAR CONSTANT CURRENT LED DRIVER
UL52B UTC-UL52B Datasheet
175Kb / 6P
HIGH POWER FACTOR LINEAR CONSTANT CURRENT LED DRIVER
UL52C UTC-UL52C Datasheet
191Kb / 6P
HIGH POWER FACTOR LINEAR CONSTANT CURRENT LED DRIVER
logo
Shenzhen Tianyuan Semic...
TP8113 TPOWER-TP8113 Datasheet
593Kb / 9P
High power factor linear constant current LED driver
TP8123 TPOWER-TP8123 Datasheet
519Kb / 7P
Switch dimming high power factor linear constant current LED driver
logo
Shenzhen Huazhimei Semi...
HM7141 HMSEMI-HM7141 Datasheet
951Kb / 9P
high power factor linear constant current LED chip
HM7141T HMSEMI-HM7141T Datasheet
752Kb / 9P
High power factor linear constant current LED chip
HM7143 HMSEMI-HM7143 Datasheet
781Kb / 8P
High power factor linear constant current LED chip
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com