Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS17002SG-S08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UCS17002SG-S08-R
Description  HIGH PERFORMANCE CURRENT MODE POWER SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCS17002SG-S08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UCS17002SG-S08-R Datasheet HTML 1Page - Unisonic Technologies UCS17002SG-S08-R Datasheet HTML 2Page - Unisonic Technologies UCS17002SG-S08-R Datasheet HTML 3Page - Unisonic Technologies UCS17002SG-S08-R Datasheet HTML 4Page - Unisonic Technologies UCS17002SG-S08-R Datasheet HTML 5Page - Unisonic Technologies UCS17002SG-S08-R Datasheet HTML 6Page - Unisonic Technologies UCS17002SG-S08-R Datasheet HTML 7Page - Unisonic Technologies UCS17002SG-S08-R Datasheet HTML 8Page - Unisonic Technologies UCS17002SG-S08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
UCS17002S
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 10
www.unisonic.com.tw
QW-R103-141.B
FUNCTIONAL DESCRIPTION
The internal reference voltages and bias circuit work at VCC> VTHD(ON), and shutdown at VCC<VCC(MIN).
(1) Soft-Start
When every IC power on, driver output duty cycle will be decided by inter-slope voltage VSOFTS and VCS on
current sense resistor at beginning. After the whole soft-start phase end, and driver duty cycle depend on VFB and
VCS. The relation among VSOFTS, VFB and VOUT as followed Fig.3. Furthermore, soft-start phase should end before VCC
reach VCC(MIN) during VCC power on. Otherwise, if soft-start phase remain not end before VCC reach VCC(MIN) during
VCC power on, IC will enter auto-restart phase and not set up VOUT.
Fig.3 Soft-start phase
(2) Switching Frequency Set
The maximum switching frequency is set to 65kHz. Switching frequency is modulated by output power POUT
during IC operating. At no load or light load condition, most of the power dissipation in a switching mode power
supply is from switching loss on the MOSFET transistor, the core loss of the transformer and the loss on the snubber
circuit. The magnitude of power loss is in proportion to the number of switching events within a fixed period of time.
So lower Switching frequency at lower load, which more and more improve IC’s efficiency at light load. At from no
load to light load condition, The IC will operate at from Burst mode to Reducing Frequency Mode. The relation curve
between fSW and POUT/POUT(MAX) as followed Fig.4.
1%~100% Load @ 115 & 230 Vac
POUT/POUT(max)
10
25
40
55
70
1%
9%
30%
19%
100%
115V
230V
60
Fig.4 The relation curve between fSW and relative output power POUT/ POUT (MAX)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com