Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSL304G-AG6-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UPSL304G-AG6-R
Description  HIGH POWER FACTOR & ACCURACY CONSTANT CURRENT LED DRIVER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UPSL304G-AG6-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UPSL304G-AG6-R Datasheet HTML 1Page - Unisonic Technologies UPSL304G-AG6-R Datasheet HTML 2Page - Unisonic Technologies UPSL304G-AG6-R Datasheet HTML 3Page - Unisonic Technologies UPSL304G-AG6-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UPSL304
Preliminar
y
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R125-058.a
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
VCC
Power Supply Pin
2
GND
Ground Pin
3
DRV
The DRV pin is connected to the gate driver to drive the external power switch.
4
CT
The CT pin is connected to the current source to charge the external capacitor and
compare the COMP voltage to terminate the power switch.
5
CS
Current Sense Pin
6
COMP
Feedback Compensation Network
BLOCK DIAGRAM
LDO
VREF
2V
OCP
ZCD
EA
0.2V
REF
PWM
R
S
R
Q
31V
OVP
6.5V
15V
UVLO
DRV
R1
GND
OUT
CT
COMP
CS
VCC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com