Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USL3633 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # USL3633
Description  NON-ISOLATED BUCK OFFLINE LED DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

USL3633 Datasheet(HTML) 1 Page - Unisonic Technologies

  USL3633 Datasheet HTML 1Page - Unisonic Technologies USL3633 Datasheet HTML 2Page - Unisonic Technologies USL3633 Datasheet HTML 3Page - Unisonic Technologies USL3633 Datasheet HTML 4Page - Unisonic Technologies USL3633 Datasheet HTML 5Page - Unisonic Technologies USL3633 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
USL3633
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R103-097.c
NON-ISOLATED BUCK
OFFLINE LED DRIVER
DESCRIPTION
The UTC USL3633 is a high performance, high precision and
low cost constant current LED driver for non-isolated buck
application. The device operates in critical conduction mode and
is suitable for 85V~265V universal input offline LED lighting. It
operates in critical conduction mode, the output current does not
change with the inductance and LED output voltage.
The UTC USL3633 integrates a 600V power MOSFET. It can
achieve excellent constant current performance with very few
external components, so the system cost and size are minimized.
The UTC USL3633 offers rich protection functions to improve
the system reliability, including LED open circuit protection, LED
short circuit protection, VCC under voltage protection, CS resistor
short circuit protection and thermal regulation function.
FEATURES
* Critical conduction mode operation
* Internal 600V Power MOSFET
* Ultra low operating current
* No auxiliary winding
* ±5% LED output current accuracy
* LED short protection
* LED open protection
* VCC under voltage protection
* Current sensing resistor short protection
* Thermal regulation function
SOP-8
ORDERING INFORMATION
Ordering Number
Package
Packing
USL3633G-S08-R
SOP-8
Tape Reel
USL3633G-S08-R
(1)Packing Type
(2)Package Type
(1) R: Tape Reel
(2) S08: SOP-8
(3) G: Halogen Free and Lead Free
(3)Green Package
MARKING


Similar Part No. - USL3633

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
USL3633 UTC-USL3633 Datasheet
210Kb / 6P
NON-ISOLATED BUCK OFFLINE LED DRIVER
USL3633G-S08-R UTC-USL3633G-S08-R Datasheet
210Kb / 6P
NON-ISOLATED BUCK OFFLINE LED DRIVER
More results

Similar Description - USL3633

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WS9442P WINSEMI-WS9442P Datasheet
852Kb / 9P
Non-isolated Buck Offline LED Driver
logo
Unisonic Technologies
USL3533K UTC-USL3533K Datasheet
199Kb / 6P
NON-ISOLATED BUCK OFFLINE LED DRIVER
logo
Bright Power Semiconduc...
BP2836D BPS-BP2836D Datasheet
196Kb / 2P
Non-isolated Buck Offline LED Driver
BP9911CB BPS-BP9911CB Datasheet
252Kb / 2P
Non-isolated Buck Offline LED Driver
BP9916C BPS-BP9916C Datasheet
217Kb / 2P
Non-isolated Buck Offline LED Driver
BP9918C BPS-BP9918C Datasheet
216Kb / 2P
Non-isolated Buck Offline LED Driver
BP2857D BPS-BP2857D Datasheet
272Kb / 2P
Non-isolated Buck Offline LED Driver
BP2866XJ BPS-BP2866XJ Datasheet
242Kb / 2P
Non-isolated Buck Offline LED Driver
BP2833A BPS-BP2833A Datasheet
423Kb / 8P
Non-isolated Buck Offline LED Driver
BP9916B BPS-BP9916B Datasheet
413Kb / 8P
Non-isolated Buck Offline LED Driver
Rev.1.0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com