Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US1602G-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # US1602G-S08-R
Description  HIGH PERFORMANCE CURRENT MODE POWER SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US1602G-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  US1602G-S08-R Datasheet HTML 1Page - Unisonic Technologies US1602G-S08-R Datasheet HTML 2Page - Unisonic Technologies US1602G-S08-R Datasheet HTML 3Page - Unisonic Technologies US1602G-S08-R Datasheet HTML 4Page - Unisonic Technologies US1602G-S08-R Datasheet HTML 5Page - Unisonic Technologies US1602G-S08-R Datasheet HTML 6Page - Unisonic Technologies US1602G-S08-R Datasheet HTML 7Page - Unisonic Technologies US1602G-S08-R Datasheet HTML 8Page - Unisonic Technologies US1602G-S08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
US1602
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 10
www.unisonic.com.tw
QW-R119.021.F
ELECTRICAL CHARACTERISTICS (Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
POWER MOS-TRANSISTOR SECTION
Drain-Source Breakdown Voltage
VDSS
VGS=0V, ID=250μA
600
V
Turn-on voltage between gate and source
VTH
VDS=VGS, ID=250μA
2
4
V
Drain-Source Diode Continuous Source Current
IS
2
A
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=0.8A
4
5.5
Ω
Notes: 1. Pulse Test: Pulse width ≤ 300μs, Duty cycle≤2%.
2. Essentially independent of operating temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com