Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USR3651L-S08-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # USR3651L-S08-R
Description  HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

USR3651L-S08-R Datasheet(HTML) 6 Page - Unisonic Technologies

  USR3651L-S08-R Datasheet HTML 1Page - Unisonic Technologies USR3651L-S08-R Datasheet HTML 2Page - Unisonic Technologies USR3651L-S08-R Datasheet HTML 3Page - Unisonic Technologies USR3651L-S08-R Datasheet HTML 4Page - Unisonic Technologies USR3651L-S08-R Datasheet HTML 5Page - Unisonic Technologies USR3651L-S08-R Datasheet HTML 6Page - Unisonic Technologies USR3651L-S08-R Datasheet HTML 7Page - Unisonic Technologies USR3651L-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
USR3651
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R129-035.a
OPERATION DESCRIPTION
The UTC USR3651 is a primary control switch mode charger and adapter applications. It operates in primary-side
sensing and regulation. Opto-coupler and TL431 could be eliminated. Proprietary built-in CV and CC control can
achieve high precision CV/CC performance. The device integrates PWM controller to enhance the performance of
discontinuous conduction mode (DCM) flyback converters.
Startup control
The VDD pin of UTC USR3651 is connected to the line input through a resistor. A large value startup resistor can
be used to minimize the power loss in application because the start current of UTC USR3651 is very low. When the
VDD voltage reaches VTH(ON), the internal startup circuit is disabled and the IC turns on.
Operating Current
The Operating current of UTC USR3651 is as low as 1.6mA. Good efficiency and very low standby power can be
achieved.
Constant Voltage Operation
The output voltage is defined by the transmission ratio between the secondary and auxiliary winding. The UTC
USR3651
captures the auxiliary winding feedback voltage at INV pin and operates in constant-voltage (CV) mode to
regulate the output voltage. The auxiliary voltage reflects the output voltage is given by:
V
+
V
×
N
N
=
V
O
S
A
AUX
(1)
Where
V indicates the drop voltage of the output diode.
Figure 2. Auxiliary voltage waveform
Via a resistor divider connected between the auxiliary winding and INV, the VAUX is sampled at the Tsampling end
and it is hold until the next sampling. The sampled voltage is compared with 2.0V reference voltage and the error is
amplified. The error amplifier output reflects the load condition and controls the TOFF time and the Ipk to regulate the
output voltage, thus constant output voltage can be achieved.
Constant Current Operation
When the sampled voltage is below 2.0V reference voltage and the error amplifier output reaches its maximum,
thus UTC USR3651 operates in constant-current (CC) mode. The CC point and maximum output power can be
externally adjusted by external current sense resistor Rcs. The larger Rcs, the smaller CC point is, and the smaller
output power becomes.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com