Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USR3651G-S08-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # USR3651G-S08-R
Description  HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

USR3651G-S08-R Datasheet(HTML) 7 Page - Unisonic Technologies

  USR3651G-S08-R Datasheet HTML 1Page - Unisonic Technologies USR3651G-S08-R Datasheet HTML 2Page - Unisonic Technologies USR3651G-S08-R Datasheet HTML 3Page - Unisonic Technologies USR3651G-S08-R Datasheet HTML 4Page - Unisonic Technologies USR3651G-S08-R Datasheet HTML 5Page - Unisonic Technologies USR3651G-S08-R Datasheet HTML 6Page - Unisonic Technologies USR3651G-S08-R Datasheet HTML 7Page - Unisonic Technologies USR3651G-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
USR3651
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R129-035.a
OPERATION DESCRIPTION (Cont.)
IOUT
VOUT
Large
Rcs
Small
Rcs
Figure 3. Adjustable output power by changing RCS
Figure 4. Secondary current waveform
In CC operation, the CC loop control function of UTC USR3651 will keep a fixed proportion between secondary
inductance de-magnetization time (Tdemag) and switching cycle time (Tsw). The fixed proportion is
2
1
=
Tsw
Tdemag
(2)
Thus the output current is given by:
PK
PK
OUT
I
S
N
P
N
4
1
Tsw
Tdemag
I
S
N
P
N
2
1
I
(3)
Programmable Cable Drop Compensation
UTC USR3651 has a built-in cable voltage drop compensation to achieve good load regulation. An offset voltage
is generated at INV pin by an internal current flowing into the resistor divider. The current is inversely proportional to
the voltage of COMP pin. As a result, it is inversely proportional to the output load current. The voltage drop across
the cable is compensated by this offset voltage at INV pin. It can also be programmed by adjusting the resistance of
the divider to compensate the drop for various cable lines used.
Current Sensing and Leading Edge Blanking
Cycle-by-cycle current limiting is offered in UTC USR3651. The switch current is detected by a sense resistor into
the CS pin. When the power switch is turned on, a turn-on spike will occur on this resistor. A 900ns leading-edge
blanking is built in to avoid false-termination of the switching pulse so that the external RC filtering is no longer
needed.
Protection Control
Good power supply system reliability is achieved with its comprehensive protection features including VDD
over-voltage protection, VDD Clamp, GATE Clamp, Power on soft start, Cycle-by-cycle current limiting, short circuit
protection, leading edge blanking, OTP and UVLO, etc.
VDD is supplied by transformer auxiliary winding output. The output of UTC USR3651 is shutdown when VDD drops
below VTH(OFF) and the power converter enters power on start-up sequence thereafter.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com