Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USR3652L-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # USR3652L-S08-R
Description  HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

USR3652L-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  USR3652L-S08-R Datasheet HTML 1Page - Unisonic Technologies USR3652L-S08-R Datasheet HTML 2Page - Unisonic Technologies USR3652L-S08-R Datasheet HTML 3Page - Unisonic Technologies USR3652L-S08-R Datasheet HTML 4Page - Unisonic Technologies USR3652L-S08-R Datasheet HTML 5Page - Unisonic Technologies USR3652L-S08-R Datasheet HTML 6Page - Unisonic Technologies USR3652L-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
USR3652
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 7
Copyright © 2018 Unisonic Technologies Co., Ltd
QW-R129-034.b
SOP-8
HIGH PRECISION CC/CV
PRIMARY-SIDE PWM POWER
SWITCH
DESCRIPTION
The UTC USR3652 is a primary control switch mode charger
and adapter applications. The controlled variable is transferred by
an auxiliary winding from the secondary to the primary side. The
device integrates PWM controller to enhance the performance of
discontinuous conduction mode (DCM) flyback converters.
The UTC USR3652 operates in primary-side sensing and
regulation. Opto-coupler and TL431 could be eliminated. It also
provides off-time modulation to linearly decrease PWM frequency
under light-load conditions so that low standby power can be
achieved.
The UTC USR3652 achieves high precision CV/CC regulation
and high power efficiency. It offers comprehensive protection
coverage with auto-recovery features including Cycle-by-cycle
current limiting, VDD over voltage protection, VDD clamp, OTP,
leading edge blanking, VDD under voltage lockout, etc.
FEATURES
* Built-in 650V Power MOSFET
* ±5% constant voltage regulation at universal AC input
* High precision constant current regulation at universal AC input
* Primary side control without TL431 and opto-coupler
* Programmable CV and CC regulation
* Programmable cable compensation in CV mode
* Flyback topology in DCM operation
* Frequency hopping to reduce system EMI
* Built-in leading edge blanking
* Built-in primary winding inductance
compensation
* Power on soft start
* Gate Output Maximum Voltage Clamped at
15V
* Cycle-by-cycle current limiting
* Over voltage protection
* VDD under-voltage lockout
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
USR3652L-S08-R
USR3652G-S08-R
SOP-8
Tape Reel


Similar Part No. - USR3652L-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
USR3652S UTC-USR3652S Datasheet
252Kb / 8P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
USR3652SG-D08-T UTC-USR3652SG-D08-T Datasheet
246Kb / 8P
CMOS IC
USR3652SG-D08-T UTC-USR3652SG-D08-T Datasheet
252Kb / 8P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
USR3652SL-D08-T UTC-USR3652SL-D08-T Datasheet
246Kb / 8P
CMOS IC
USR3652SL-D08-T UTC-USR3652SL-D08-T Datasheet
252Kb / 8P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
More results

Similar Description - USR3652L-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UCS3654 UTC-UCS3654 Datasheet
217Kb / 9P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
UCSR3651S UTC-UCSR3651S Datasheet
248Kb / 9P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
UCSR3654S UTC-UCSR3654S Datasheet
223Kb / 9P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
UPSR100 UTC-UPSR100_15 Datasheet
211Kb / 7P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
US3651 UTC-US3651 Datasheet
205Kb / 8P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
USR3651S UTC-USR3651S Datasheet
219Kb / 9P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
UCS3654 UTC-UCS3654_16 Datasheet
226Kb / 9P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
UCSR3651S UTC-UCSR3651S_16 Datasheet
247Kb / 9P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
USR3651S UTC-USR3651S_18 Datasheet
261Kb / 9P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
USR3651 UTC-USR3651 Datasheet
242Kb / 8P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com