Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSR2930800BA Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # CSR2930800BA
Description  FLASH MEMORY CMOS 8M (1M x 8/512K x 16) BIT
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CSR2930800BA Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button CSR2930800BA Datasheet HTML 17Page - List of Unclassifed Manufacturers CSR2930800BA Datasheet HTML 18Page - List of Unclassifed Manufacturers CSR2930800BA Datasheet HTML 19Page - List of Unclassifed Manufacturers CSR2930800BA Datasheet HTML 20Page - List of Unclassifed Manufacturers CSR2930800BA Datasheet HTML 21Page - List of Unclassifed Manufacturers CSR2930800BA Datasheet HTML 22Page - List of Unclassifed Manufacturers CSR2930800BA Datasheet HTML 23Page - List of Unclassifed Manufacturers CSR2930800BA Datasheet HTML 24Page - List of Unclassifed Manufacturers CSR2930800BA Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
CSR2930800BA-90
21
9.
DQ7
Data Polling
The CSR2930800BA devices feature Data Polling as a method to indicate to the host that the Embedded
Algorithms are in progress or completed. During the Embedded Program Algorithm an attempt to read the
devices will produce the complement of the data last written to DQ7. Upon completion of the Embedded Program
Algorithm, an attempt to read the device will produce the true data last written to DQ7. During the Embedded
Erase Algorithm, an attempt to read the device will produce a “0” at the DQ7 output. Upon completion of the
Embedded Erase Algorithm an attempt to read the device will produce a “1” at the DQ7 output. The flowchart
for Data Polling (DQ7) is shown in “3. Data Polling Algorithm” (s
FLOW CHART).
For chip erase and sector erase, the Data Polling is valid after the rising edge of the sixth WE pulse in the six
write pulse sequence. Data Polling must be performed at sector address within any of the sectors being erased
and not a protected sector. Otherwise, the status may not be valid. Once the Embedded Algorithm operation is
close to being completed, the CSR2930800BA data pins (DQ7) may change asynchronously while the output
enable (OE) is asserted low. This means that the devices are driving status information on DQ7 at one instant
of time and then that byte’s valid data at the next instant of time. Depending on when the system samples the
DQ7 output, it may read the status or valid data. Even if the device has completed the Embedded Algorithm
operation and DQ7 has a valid data, the data outputs on DQ0 to DQ6 may be still invalid. The valid data on DQ0
to DQ7 will be read on the successive read attempts.
The Data Polling feature is only active during the Embedded Programming Algorithm, Embedded Erase
Algorithm or sector erase time-out. (See “Hardware Sequence Flags Table”.)
See “6. AC Waveforms for Data Polling during Embedded Algorithm Operations” in s
SWITCHING WAVEFORMS
for the Data Polling timing specifications and diagrams.
10. DQ6
Toggle Bit I
The CSR2930800BA also feature the “Toggle Bit I” as a method to indicate to the host system that the Embedded
Algorithms are in progress or completed.
During an Embedded Program or Erase Algorithm cycle, successive attempts to read (OE toggling) data from
the devices will result in DQ6 toggling between one and zero. Once the Embedded Program or Erase Algorithm
cycle is completed, DQ6 will stop toggling and valid data will be read on the next successive attempts. During
programming, the Toggle Bit I is valid after the rising edge of the fourth WE pulse in the four write pulse sequence.
For chip erase and sector erase, the Toggle Bit I is valid after the rising edge of the sixth WE pulse in the six
write pulse sequence. The Toggle Bit I is active during the sector time out.
In programming, if the sector being written to is protected, the toggle bit will toggle for about 2
µs and then stop
toggling without the data having changed. In erase, the devices will erase all the selected sectors except for the
ones that are protected. If all selected sectors are protected, the chip will toggle the toggle bit for about 100 µs
and then drop back into read mode, having changed none of the data.
Either CE or OE toggling will cause the DQ6 to toggle. In addition, an Erase Suspend/Resume command will
cause the DQ6 to toggle.
See “7. AC Waveforms for Toggle Bit I during Embedded Algorithm Operations” in s
SWITCHING WAVEFORMS
for the Toggle Bit I timing specifications and diagrams.
11. DQ5
Exceeded Timing Limits
DQ5 will indicate if the program or erase time has exceeded the specified limits (internal pulse count). Under
these conditions DQ5 will produce a “1”. This is a failure condition which indicates that the program or erase
cycle was not successfully completed. Data Polling is the only operating function of the devices under this
condition. The CE circuit will partially power down the device under these conditions (to approximately 2 mA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com