Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM457 Datasheet(PDF) 6 Page - Analog Microelectronics

Part # AM457
Description  Precision amplifier for bridge circuits
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AM457 Datasheet(HTML) 6 Page - Analog Microelectronics

Back Button AM457 Datasheet HTML 2Page - Analog Microelectronics AM457 Datasheet HTML 3Page - Analog Microelectronics AM457 Datasheet HTML 4Page - Analog Microelectronics AM457 Datasheet HTML 5Page - Analog Microelectronics AM457 Datasheet HTML 6Page - Analog Microelectronics AM457 Datasheet HTML 7Page - Analog Microelectronics AM457 Datasheet HTML 8Page - Analog Microelectronics AM457 Datasheet HTML 9Page - Analog Microelectronics AM457 Datasheet HTML 10Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Precision amplifier for bridge circuits
AM457
analog microelectronics
May 2005
Analog Microelectronics GmbH
Phone: +49 (0)6131/91 073 – 0
6/10
An der Fahrt 13, D – 55124 Mainz
Fax:
+49 (0)6131/91 073 – 30
Rev. 2.2
Internet: www.analogmicro.de
Email:
info@analogmicro.de
DESCRIPTION OF FUNCTIONS
AM457 is an integrated precision circuit for the high-impedance amplification and conditioning of
signals and monitoring of sensor bridges with low sensitivity, particularly for ceramic or DMS
sensing elements. The IC generates a rail-to-rail output signal of 0.2V to Vcc-0.2V. With suitable
dimensioning an output voltage of 0.5...4.5V can also be provided. As these values are standard the
following description refers to this output voltage.
Besides amplifying and conditioning signals the IC can also display a range of system errors
("system" in this context refers to the sensor bridge and the IC plus the voltage supply). AM457
works on the principle of ratiometry with a supply voltage of 5V
±5%.
The IC is distinguished by its low offset, extremely low thermal offset drift and its ability to cope
with a wide range of temperature, enabling it to be classified as a precision amplifier.
FUNCTIONS
AM457 is made up of three modular function blocks (see Figure 1) which can be accessed
individually or operated in suitable combinations. These are:
1. A precision amplifier (AMP) with a sink/source facility for the amplification and conditioning
of bridge signals within a range of
±5...±100mV FS including the output stage. The output stage
is protected against short circuits. The amplification and offset can be fixed using external
resistors.
2. An operational amplifier (OP) whose positive input is set internally to reference point 0.1
⋅VCC.
The negative input is accessible externally, with which the OP is set as an inverter. The OP may
be used as a current source to power the bridge, for example, as an output line driver or to
record temperature when a sensing element is supplied by voltage. The latter application allows
the temperature dependency of the sensing element bridge resistors to be exploited, for example.
3. A diagnostic unit which monitors system features. With a signal source in bridge configuration
this displays the following faults and errors:
• Lack of bridge voltage
• Lack of bridge ground
• Missing signal connection
• Two missing signal connections
• At least one of the four bridge resistors is of high impedance
• Malfunction of the signal conditioning unit due to an AMP overload
• Malfunction of the signal conditioning unit due to undervoltage
• Detection of excessive temperature by the signal conditioning unit.
In the event of one or more disruptions output DIAG (pin 5) switches to a logic high (see the
electrical specifications). A low is otherwise indicated.
The precision amplifier (AMP) and additional operational amplifier (OP) can be operated
independently of one another without the diagnostic unit.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com