Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOW296 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOW296
Description  100V N-Channel AlphaSGT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOW296 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOW296 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOW296 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOW296 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOW296 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOW296 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOW296 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOW296 Datasheet HTML 7Page - Alpha & Omega Semiconductors AOW296 Datasheet HTML 8Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AOW296/AOWF296
General Description
Product Summary
VDS
RDS(ON) (at VGS=10V)
< 9.7mΩ
RDS(ON) (at VGS=6V)
< 12.2mΩ
Applications
100% UIS Tested
100% Rg Tested
100V N-Channel AlphaSGT
TM
AOWF296
TO-262F
Tube
1000
Orderable Part Number
Package Type
Form
Minimum Order Quantity
100V
AOW296
TO-262
Tube
1000
• Trench Power AlphaSGT
TM technology
• Low RDS(ON)
• Low Gate Charge
• Optimized for fast-switching applications
• RoHS and Halogen-Free Compliant
• Synchronous Rectification in DC/DC and AC/DC
Converters
• Industrial and Motor Drive applications
Top View
TO-262
Bottom View
G
D
S
G
D
S
D
G
D
S
Top View
TO-262F
Bottom View
AOW296
AOWF296
D
G
G
S
D
S
Symbol
VDS
VGS
IDM
IAS
Avalanche energy
L=0.1mH
C
EAS
VDS Spike
I
VSPIKE
TJ, TSTG
Symbol
t ≤ 10s
Steady-State
Steady-State
RθJC
18
21
A
40
A
IDSM
mJ
TA=25°C
TA=70°C
TC=25°C
TC=100°C
AOWF296
TO-262F
Tube
1000
AOW296 (Max)
AOWF296 (Max)
ID
16.5
180
150
70
46.5
37
23.5
Maximum Junction-to-Ambient
A
°C/W
RθJA
20
65
15
6.2
4.0
8.3
5.3
Thermal Characteristics
Parameter
AOWF296 (Max)
TA=70°C
°C
Units
Junction and Storage Temperature Range
-55 to 150
AOW296 (Max)
PDSM
W
TA=25°C
Power Dissipation
A
26
41.5
V
A
Absolute Maximum Ratings TA=25°C unless otherwise noted
±20
V
Units
TC=25°C
Avalanche Current
C
Continuous Drain
Current
14.5
W
V
Maximum Junction-to-Case
°C/W
°C/W
Maximum Junction-to-Ambient
A D
1.2
55
4.8
10.5
Power Dissipation
B
TC=100°C
10µs
PD
100
120
Gate-Source Voltage
Pulsed Drain Current
C
Parameter
Drain-Source Voltage
Continuous Drain
Current
G(AOW)
80
104
Rev.1.0: February 2017
www.aosmd.com
Page 1 of 8


Similar Part No. - AOW296

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOW296 AOSMD-AOW296 Datasheet
424Kb / 8P
100V N-Channel AlphaSGT
logo
Inchange Semiconductor ...
AOW296 ISC-AOW296 Datasheet
328Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - AOW296

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4296 AOSMD-AO4296 Datasheet
375Kb / 5P
100V N-Channel AlphaSGT
AOD294A AOSMD-AOD294A Datasheet
374Kb / 6P
100V N-Channel AlphaSGT
AOB2904 AOSMD-AOB2904 Datasheet
361Kb / 6P
100V N-Channel AlphaSGT
AOD296A AOSMD-AOD296A Datasheet
364Kb / 6P
100V N-Channel AlphaSGT
AON2392 AOSMD-AON2392 Datasheet
322Kb / 5P
100V N-Channel AlphaSGT
AON6226 AOSMD-AON6226 Datasheet
336Kb / 6P
100V N-Channel AlphaSGT
AOT2904 AOSMD-AOT2904 Datasheet
361Kb / 6P
100V N-Channel AlphaSGT
AOT2906 AOSMD-AOT2906 Datasheet
372Kb / 6P
100V N-Channel AlphaSGT
AOTF292L AOSMD-AOTF292L Datasheet
440Kb / 7P
100V N-Channel AlphaSGT
AOWF296 AOSMD-AOWF296 Datasheet
424Kb / 8P
100V N-Channel AlphaSGT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com